Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM94 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM94
Description  TruTherTM Hardware Monitor with PI Loop Fan Control for Server Management
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM94 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM94 Datasheet HTML 16Page - National Semiconductor (TI) LM94 Datasheet HTML 17Page - National Semiconductor (TI) LM94 Datasheet HTML 18Page - National Semiconductor (TI) LM94 Datasheet HTML 19Page - National Semiconductor (TI) LM94 Datasheet HTML 20Page - National Semiconductor (TI) LM94 Datasheet HTML 21Page - National Semiconductor (TI) LM94 Datasheet HTML 22Page - National Semiconductor (TI) LM94 Datasheet HTML 23Page - National Semiconductor (TI) LM94 Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
16.0 Timing Waveform
20112403
17.0 Electrical Notes
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: All voltages are measured with respect to GND, unless otherwise noted.
Note 3: When the input voltage (VIN) at any pin exceeds the power supplies (VIN < (GND or AGND) or VIN > VDD, except for analog voltage inputs), the current
at that pin should be limited to 10 mA. The 100 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with
an input current of 10 mA to ten. Parasitic components and/or ESD protection circuitry are shown below for the LM94’s pins. Care should be taken not to forward
bias the parasitic diode, D1, present on pins D+ and D− as shown in circuits C and D. Doing so by more than 50 mV may corrupt temperature measurements. D1
and the ESD Clamp are connected between V+ (VDD, AD_IN16) and GND as shown in circuit B. SNP stands for snap-back device.
Symbol
Pin #
Circuit
All Input Circuits
GPIO_0/TACH1
1
A
Circuit A
GPIO_1/TACH2
2
A
GPIO_2/TACH3
3
A
GPIO_3/TACH4
4
A
GPIO_4 / P1_THERMTRIP
5A
GPIO_5 / P2_THERMTRIP
6A
GPIO_6
7
A
GPIO_7
8
A
VRD1_HOT
9A
VRD2_HOT
10
A
SCSI_TERM1
11
A
SCSI_TERM2
12
A
Circuit B
SMBDAT
13
A
SMBCLK
14
A
ALERT/XtestOut
15
A
RESET
16
A
AGND
17
B (Internally
shorted to
GND pin.)
V
REF
18
A
REMOTE1–
19
C
REMOTE1+
20
D
REMOTE2–
21
C
REMOTE+
22
D
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com