Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM94 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM94
Description  TruTherTM Hardware Monitor with PI Loop Fan Control for Server Management
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM94 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM94 Datasheet HTML 1Page - National Semiconductor (TI) LM94 Datasheet HTML 2Page - National Semiconductor (TI) LM94 Datasheet HTML 3Page - National Semiconductor (TI) LM94 Datasheet HTML 4Page - National Semiconductor (TI) LM94 Datasheet HTML 5Page - National Semiconductor (TI) LM94 Datasheet HTML 6Page - National Semiconductor (TI) LM94 Datasheet HTML 7Page - National Semiconductor (TI) LM94 Datasheet HTML 8Page - National Semiconductor (TI) LM94 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM94
TruTherm™ Hardware Monitor with PI Loop Fan Control
for Server Management
1.0 General Description
The LM94 hardware monitor has a two wire digital interface
compatible with SMBus 2.0. Using a
Σ∆ ADC, the LM94
measures the temperature of four remote diode connected
transistors as well as its own die and 16 power supply
voltages. The LM94 has new TruTherm technology that sup-
ports precision thermal diode measurements of processors
on sub-micron processes.
To set fan speed, the LM94 has two PWM outputs that are
each controlled by up to six temperature zones. The fan-
control algorithm can be based on a lookup table, PI
(proportional/integral) control loop, or a combination of both.
The LM94 includes digital filters that can be invoked to
smooth temperature readings for better control of fan speed
such that acoustical noise is minimized. The LM94 has four
tachometer inputs to measure fan speed. Limit and status
registers for all measured values are included.
The LM94 builds upon the functionality of previous mother-
board server management ASICs, such as the LM93. It also
adds measurement and control support for dynamic Vccp
monitoring for VRD10/11 and PROCHOT. It is designed to
monitor a dual processor Xeon class motherboard with a
minimum of external components.
2.0 Features
n
8-bit
Σ∆ ADC
n
Monitors 16 power supplies
n
Monitors 4 remote thermal diodes and 2 LM60
n
New TruTherm technology support for precision thermal
diode measurements
n
Internal ambient temperature sensing
n
Programmable autonomous fan control based on
temperature readings with fan boost support
n
Fan boost support on tachometer limit error event
n
Fan control based on 13-step lookup table or PI Control
Loop or combination of both
n
PI fan control loop supports Tcontrol
n
Temperature reading digital filters
n
0.5˚C digital temperature sensor resolution
n
0.0625˚C filtered temperature resolution for fan control
n
2 PWM fan speed control outputs
n
4 fan tachometer inputs
n
Dual processor thermal throttling (PROCHOT)
monitoring
n
Dual dynamic VID monitoring (6/7 VIDs per processor)
supports VRD10.2/11
n
8 general purpose I/Os:
— 4 can be configured as fan tachometer inputs
— 2 can be configured to connect to processor
THERMTRIP
— 2 are standard GPIOs that could be used to monitor
IERR signal
n
2 general purpose inputs that can be used to monitor
the 7th VID signal for VRD11
n
Limit register comparisons of all monitored values
n
2-wire serial digital interface, SMBus 2.0 compliant
— Supports byte/block read and write
— Selectable slave address (tri-level pin selects 1 of 3
possible addresses)
— ALERT output supports interrupt or comparator
modes
n
2.5V reference voltage output
n
56-pin TSSOP package
n
XOR-tree test mode
3.0 Key Specifications
n
Voltage Measurement Accuracy
±2% FS (max)
n
Temperature Resolution
9-bits, 0.5˚C
n
Temperature Sensor Accuracy
±2.5 ˚C (max)
n
Temperature Range:
— LM94 Operational
0˚C to +85˚C
— Remote Temp Accuracy
0˚C to +125˚C
n
Power Supply Voltage
+3.0V to +3.6V
n
Power Supply Current
1.6 mA
4.0 Applications
n
Servers
n
Workstations
n
Multi-processor based equipment
5.0 Ordering Information
Order Number NS Package Number Transport media
LM94CIMT
MTD56
34 units in rail
LM94CIMTX
MTD56
1000 units in tape-and-reel
I2C is a registered trademark of the Philips Corporation.
April 2006
© 2006 National Semiconductor Corporation
DS201124
www.national.com


Similar Part No. - LM94

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM94 TI1-LM94 Datasheet
1Mb / 112P
Hardware Monitor with PI Loop Fan Control for Server Management
logo
Telit loT Solutions
LM940 TELIT-LM940 Datasheet
148Kb / 2P
LTE 600/75 | HSPA 42.0/11.5 mPCIe
logo
National Semiconductor ...
LM94021 NSC-LM94021 Datasheet
680Kb / 13P
Multi-Gain Analog Temperature Sensor
logo
Texas Instruments
LM94021 TI1-LM94021 Datasheet
1Mb / 23P
Multi-Gain Analog Temperature Sensor
LM94021 TI2-LM94021 Datasheet
737Kb / 24P
LM94021/LM94021Q Multi-Gain Analog Temperature Sensor
REVISED JUNE 2013
More results

Similar Description - LM94

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM85 NSC-LM85 Datasheet
261Kb / 26P
Hardware Monitor with Integrated Fan Control
LM93 NSC-LM93 Datasheet
654Kb / 92P
Hardware Monitor with Integrated Fan Control for Server Management
LM96000 NSC-LM96000 Datasheet
695Kb / 28P
Hardware Monitor with Integrated Fan Control
logo
List of Unclassifed Man...
ASC7611 ETC2-ASC7611 Datasheet
508Kb / 40P
HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
ASC7621 ETC2-ASC7621 Datasheet
574Kb / 50P
HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
logo
National Semiconductor ...
LM96194 NSC-LM96194 Datasheet
529Kb / 24P
TruTherm??Hardware Monitor with PI Fan Control for Workstation Management
logo
Texas Instruments
LM93 TI1-LM93 Datasheet
1Mb / 95P
Hardware Monitor with Integrated Fan Control for Server Management
LM94 TI1-LM94_15 Datasheet
1Mb / 112P
Hardware Monitor with PI Loop Fan Control for Server Management
LM96000 TI1-LM96000 Datasheet
1Mb / 40P
Hardware Monitor with Integrated Fan Control
logo
Grenergy Opto, lnc.
GR5300 GRENERGY-GR5300 Datasheet
442Kb / 6P
Monitor and Timing Management for Single-Loop NiMH Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com