Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM94 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM94
Description  TruTherTM Hardware Monitor with PI Loop Fan Control for Server Management
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM94 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM94 Datasheet HTML 3Page - National Semiconductor (TI) LM94 Datasheet HTML 4Page - National Semiconductor (TI) LM94 Datasheet HTML 5Page - National Semiconductor (TI) LM94 Datasheet HTML 6Page - National Semiconductor (TI) LM94 Datasheet HTML 7Page - National Semiconductor (TI) LM94 Datasheet HTML 8Page - National Semiconductor (TI) LM94 Datasheet HTML 9Page - National Semiconductor (TI) LM94 Datasheet HTML 10Page - National Semiconductor (TI) LM94 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
9.0 Pin Descriptions (Continued)
Symbol
Pin #
Type
Function
AD_IN11
33
Analog Input
(SCSI_Core)
Analog input for +2.5V monitoring, nominal 3⁄4 scale reading. This
pin may also be used to monitor an analog temperature sensor such
as the LM60, since readings from this input can be routed to the fan
control logic.
AD_IN12
34
Analog Input
(Mem_Core)
Analog input for +1.969V monitoring, nominal 3⁄4 scale reading.
AD_IN13
35
Analog Input
(Mem_Vtt)
Analog input for +0.984V monitoring, nominal 3⁄4 scale reading.
AD_IN14
36
Analog Input
(Gbit_Core)
Analog input for +0.984V S/B monitoring, nominal 3⁄4 scale reading.
AD_IN15
37
Analog Input (-12V)
Analog input for -12V monitoring. External resistors required to scale
to positive level. Full scale reading at 1.236V, , nominal 3⁄4 scale
reading. This pin may also be used to monitor an analog
temperature sensor such as the LM60, since readings from this
input can be routed to the fan control logic.
Address Select
38
3 level analog input
This input selects the lower two bits of the LM94 SMBus slave
address.
3.3V SB (AD_IN16)
39
POWER (V
DD) +3.3V
standby power
V
DD power input for LM94. Generally this is connected to +3.3V
standby power.
The LM94 can be powered by +3.3V if monitoring in low power
states is not required, but power should be applied to this input
before any other pins.
This pin also serves as the analog input to monitor the 3.3V
stand-by (SB) voltage. It is necessary to bypass this pin with a 0.1
µF in parallel with 100 pF. A bulk capacitance of 10 µF should be in
the near vicinity. The 100 pF should be closest to the power pin.
GND
40
GROUND
Digital Ground. Digital ground and analog ground need to be tied
together at the chip then both taken to a low noise system ground.
A voltage difference between analog and digital ground may cause
erroneous results.
PWM1
41
Digital Output
(Open-Drain)
Fan control output 1.
PWM2
42
Digital Output
(Open-Drain)
Fan control output 2
P1_VID0/P1_VID7
43
Digital Input
Voltage Identification signal from the processor. Supports TTL input
logic levels and AGTL compatible input logic levels.
P1_VID1
44
Digital Input
Voltage Identification signal from the processor. Supports TTL input
logic levels and AGTL compatible input logic levels.
P1_VID2
45
Digital Input
Voltage Identification signal from the processor. Supports TTL input
logic levels and AGTL compatible input logic levels.
P1_VID3
46
Digital Input
Voltage Identification signal from the processor. Supports TTL input
logic levels and AGTL compatible input logic levels.
P1_VID4
47
Digital Input
Voltage Identification signal from the processor. Supports TTL input
logic levels and AGTL compatible input logic levels.
P1_VID5
48
Digital Input
Voltage Identification signal from the processor. Supports TTL input
logic levels and AGTL compatible input logic levels.
P1_PROCHOT
49
Digital I/O
(Open-Drain)
Connected to CPU1 PROCHOT (processor hot) signal through a
bidirectional level shifter. Supports TTL input logic levels and AGTL
compatible input logic levels.
P2_PROCHOT
50
Digital I/O
(Open-Drain)
Connected to CPU2 PROCHOT (processor hot) signal through a
bidirectional level shifter. Supports TTL input logic levels and AGTL
compatible input logic levels.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com