Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM94 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM94
Description  TruTherTM Hardware Monitor with PI Loop Fan Control for Server Management
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM94 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM94 Datasheet HTML 6Page - National Semiconductor (TI) LM94 Datasheet HTML 7Page - National Semiconductor (TI) LM94 Datasheet HTML 8Page - National Semiconductor (TI) LM94 Datasheet HTML 9Page - National Semiconductor (TI) LM94 Datasheet HTML 10Page - National Semiconductor (TI) LM94 Datasheet HTML 11Page - National Semiconductor (TI) LM94 Datasheet HTML 12Page - National Semiconductor (TI) LM94 Datasheet HTML 13Page - National Semiconductor (TI) LM94 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
13.0 Registers (Continued)
13.2 REGISTER SUMMARY TABLE
Register Key
Term
Description
N/D
Not Defined
N/A
Not Applicable
R
Read Only
R/W
Read or Write
RWC
Read or Write to Clear
Lock
Register Name
Address
Description
FACTORY REGISTERS
x
XOR Test
00h
Used to set the XOR test tree mode
SMBus Test
01h
SMBus read/write test register
Reserved
02h-04h
“REMOTE DIODE” MODE SELECT
x
Transistor Mode Select
05h
Selects Diode Mode (default) or Transistor Mode for “Remote
Diode” measurements
VALUE REGISTER SECTION 1
Zone 1b (CPU1 Diode b) Temp
06h
Measured value of remote thermal diode temperature channel
1b
Zone 2b (CPU2 Diode b) Temp
07h
Measured value of remote thermal diode temperature channel
2b
Zone 1b (CPU1 Diode b) Filtered
Temp
08h
Filtered value of remote thermal diode temperature channel 1b
Zone 2b (CPU2 Diode b) Fitlered
Temp
09h
Filtered value of remote thermal diode temperature channel 2b
PWM1 8-bit Duty Cycle Value
0Ah
8- bit value of the PWM1 duty cycle.
PWM2 8-bit Duty Cycle Value
0Bh
8-bit value of the PWM2 duty cycle
HIGH RESOLUTION PWM OVERIDE REGISTERS
x
PWM1 Duty Cycle Override (low
byte)
0Ch
Lower byte of the high resolution PWM1 duty cycle register
x
PWM1 Duty Cycle Override (high
byte)
0Dh
Upper byte of the high resolution PWM1 duty cycle register
x
PWM2 Duty Cycle Override (low
byte)
0Eh
Lower byte of the high resolution PWM2 duty cycle register
x
PWM2 Duty Cycle Override (high
byte)
0Fh
Upper byte of the high resolution PWM2 duty cycle register
EXTENDED RESOLUTION TEMPERATURE VALUE REGISTERS
Z1a_LSB
10h
Zone 1a (CPU1) extended resolution unfiltered temperature
value register, least-significant byte
Z1a_MSB
11h
Zone 1a (CPU1) extended resolution unfiltered temperature
value register, most-significant byte
Z1b_LSB
12h
Zone 1b (CPU1) extended resolution unfiltered temperature
value register, least-significant-byte
Z1b_MSB
13h
Zone 1b (CPU1) extended resolution unfiltered temperature
value register, most-significant byte
Z2a_LSB
14h
Zone 2a (CPU2) extended resolution unfiltered temperature
value register, least-significant-byte
Z2a_MSB
15h
Zone 2a (CPU2) extended resolution unfiltered temperature
value register, most-significant byte
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com