Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM94 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM94
Description  TruTherTM Hardware Monitor with PI Loop Fan Control for Server Management
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM94 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM94 Datasheet HTML 10Page - National Semiconductor (TI) LM94 Datasheet HTML 11Page - National Semiconductor (TI) LM94 Datasheet HTML 12Page - National Semiconductor (TI) LM94 Datasheet HTML 13Page - National Semiconductor (TI) LM94 Datasheet HTML 14Page - National Semiconductor (TI) LM94 Datasheet HTML 15Page - National Semiconductor (TI) LM94 Datasheet HTML 16Page - National Semiconductor (TI) LM94 Datasheet HTML 17Page - National Semiconductor (TI) LM94 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
13.0 Registers (Continued)
Lock
Register Name
Address
Description
OTHER LIMIT REGISTERS
AD_IN1 Low Limit
90h
Low limit for analog input 1 measurement
AD_IN1 High Limit
91h
High limit for analog input 1 measurement
AD_IN2 Low Limit
92h
Low limit for analog input 2 measurement
AD_IN2 High Limit
93h
High limit for analog input 2 measurement
AD_IN3 Low Limit
94h
Low limit for analog input 3 measurement
AD_IN3 High Limit
95h
High limit for analog input 3 measurement
AD_IN4 Low Limit
96h
Low limit for analog input 4 measurement
AD_IN4 High Limit
97h
High limit for analog input 4 measurement
AD_IN5 Low Limit
98h
Low limit for analog input 5 measurement
AD_IN5 High Limit
99h
High limit for analog input 5 measurement
AD_IN6 Low Limit
9Ah
Low limit for analog input 6 measurement
AD_IN6 High Limit
9Bh
High limit for analog input 6 measurement
AD_IN7 Low Limit
9Ch
Low limit for analog input 7 measurement
AD_IN7 High Limit
9Dh
High limit for analog input 7 measurement
AD_IN8 Low Limit
9Eh
Low limit for analog input 8 measurement
AD_IN8 High Limit
9Fh
High limit for analog input 8 measurement
AD_IN9 Low Limit
A0h
Low limit for analog input 9 measurement
AD_IN9 High Limit
A1h
High limit for analog input 9 measurement
AD_IN10 Low Limit
A2h
Low limit for analog input 10 measurement
AD_IN10 High Limit
A3h
High limit for analog input 10 measurement
AD_IN11 Low Limit
A4h
Low limit for analog input 11 measurement
AD_IN11 High Limit
A5h
High limit for analog input 11 measurement
AD_IN12 Low Limit
A6h
Low limit for analog input 12 measurement
AD_IN12 High Limit
A7h
High limit for analog input 12 measurement
AD_IN13 Low Limit
A8h
Low limit for analog input 13 measurement
AD_IN13 High Limit
A9h
High limit for analog input 13 measurement
AD_IN14 Low Limit
AAh
Low limit for analog input 14 measurement
AD_IN14 High Limit
ABh
High limit for analog input 14 measurement
AD_IN15 Low Limit
ACh
Low limit for analog input 15 measurement
AD_IN15 High Limit
ADh
High limit for analog input 15 measurement
AD_IN16 Low Limit
AEh
Low limit for analog input 16 measurement
AD_IN16 High Limit
AFh
High limit for analog input 16 measurement
P1_PROCHOT User Limit
B0h
User settable limit for P1_PROCHOT
P2_PROCHOT User Limit
B1h
User settable limit for P2_PROCHOT
Vccp1 Limit Offsets
B2h
VID offset values for window comparator for CPU1 Vccp
(AD_IN7)
Vccp2 Limit Offsets
B3h
VID offset values for window comparator for CPU2 Vccp
(AD_IN8)
FAN Tach 1 Limit LSB
B4h
FAN Tach 1 Limit LSB
FAN Tach 1 Limit MSB
B5h
FAN Tach 1 Limit MSB
FAN Tach 2 Limit LSB
B6h
FAN Tach 2 Limit LSB
FAN Tach 2 Limit MSB
B7h
FAN Tach 2 Limit MSB
FAN Tach 3 Limit LSB
B8h
FAN Tach 3 Limit LSB
FAN Tach 3 Limit MSB
B9h
FAN Tach 3 Limit MSB
FAN Tach 4 Limit LSB
BAh
FAN Tach 4 Limit LSB
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com