Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM94 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM94
Description  TruTherTM Hardware Monitor with PI Loop Fan Control for Server Management
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM94 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM94 Datasheet HTML 9Page - National Semiconductor (TI) LM94 Datasheet HTML 10Page - National Semiconductor (TI) LM94 Datasheet HTML 11Page - National Semiconductor (TI) LM94 Datasheet HTML 12Page - National Semiconductor (TI) LM94 Datasheet HTML 13Page - National Semiconductor (TI) LM94 Datasheet HTML 14Page - National Semiconductor (TI) LM94 Datasheet HTML 15Page - National Semiconductor (TI) LM94 Datasheet HTML 16Page - National Semiconductor (TI) LM94 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13.0 Registers (Continued)
Lock
Register Name
Address
Description
VALUE REGISTERS SECTION 2
Average P1_PROCHOT
68h
Average P1_PROCHOT throttle percentage
Current P2_PROCHOT
69h
Measured P2_PROCHOT throttle percentage
Average P2_PROCHOT
6Ah
Average P2_PROCHOT throttle percentage
GPI State
6Bh
Current GPIO state
P1_VID
6Ch
Current VID value of Processor 1
P2_VID
6Dh
Current VID value of Processor 2
FAN Tach 1 LSB
6Eh
Measured FAN Tach 1 LSB
FAN Tach 1 MSB
6Fh
Measured FAN Tach 1 MSB
FAN Tach 2 LSB
70h
Measured FAN Tach 2 LSB
FAN Tach 2 MSB
71h
Measured FAN Tach 2 MSB
FAN Tach 3 LSB
72h
Measured FAN Tach 3 LSB
FAN Tach 3 MSB
73h
Measured FAN Tach 3 MSB
FAN Tach 4 LSB
74h
Measured FAN Tach 4 LSB
FAN Tach 4 MSB
75h
Measured FAN Tach 4 MSB
Reserved
76h-77h
TEMPERATURE LIMIT REGISTERS
Zone 1 (CPU1) Low Temp
78h
Low limit for external thermal diode temperature channel 1 (D1)
measurement
Zone 1 (CPU1) High Temp
79h
High limit for external thermal diode temperature channel 1
(D1) measurement
Zone 2 (CPU2) Low Temp
7Ah
Low limit for external thermal diode temperature channel 2 (D2)
measurement
Zone 2 (CPU2) High Temp
7Bh
High limit for external thermal diode temperature channel 2
(D2) measurement
Zone 3 (Internal) Low Temp
7Ch
Low limit for local temperature measurement
Zone 3 (Internal) High Temp
7Dh
High limit for local temperature measurement
Zone 4 (External Digital) Low Temp
7Eh
Low limit for external digital temperature sensor
Zone 4 (External Digital) High Temp
7Fh
High limit for external digital temperature sensor
x
Fan Boost Temp Zone 1
80h
Zone 1 (CPU1) fan boost temperature
x
Fan Boost Temp Zone 2
81h
Zone 2 (CPU2) fan boost temperature
x
Fan Boost Temp Zone 3
82h
Zone 3 (Internal) fan boost temperature
x
Fan Boost Temp Zone 4
83h
Zone 4 (External Digital) fan boost temperature
Zone1 and Zone 2 Hysteresis
84h
Zone 1 and Zone 2 hysteresis for limit comparisons
Zone 3 and Zone 4 Hysteresis
85h
Zone 3 and Zone 4 hysteresis for limit comparisons
Reserved
86h-8Dh
ZONE 1b and 2b TEMPERATURE READING ADJUSTMENT REGISTERS
Zone 1b Temp Adjust
8Eh
Allows all Zone 1b temperature measurements to be adjusted
by a programmable offset.
Zone 2b Temp Adjust
8Fh
Allows all Zone 2b temperature measurements to be adjusted
by a programmable offset.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com