Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM94 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM94
Description  TruTherTM Hardware Monitor with PI Loop Fan Control for Server Management
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM94 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM94 Datasheet HTML 7Page - National Semiconductor (TI) LM94 Datasheet HTML 8Page - National Semiconductor (TI) LM94 Datasheet HTML 9Page - National Semiconductor (TI) LM94 Datasheet HTML 10Page - National Semiconductor (TI) LM94 Datasheet HTML 11Page - National Semiconductor (TI) LM94 Datasheet HTML 12Page - National Semiconductor (TI) LM94 Datasheet HTML 13Page - National Semiconductor (TI) LM94 Datasheet HTML 14Page - National Semiconductor (TI) LM94 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
13.0 Registers (Continued)
Lock
Register Name
Address
Description
EXTENDED RESOLUTION TEMPERATURE VALUE REGISTERS
Z2b_LSB
16h
Zone 2b (CPU2) extended resolution unfiltered temperature
value register, least-significant-byte
Z2b_MSB
17h
Zone 2b (CPU2) extended resolution unfiltered temperature
value register, most-significant byte
Z1a_F_LSB
18h
Zone 1a (CPU1) extended resolution filtered temperature value
register, least-significant byte
Z1a_F_MSB
19h
Zone 1a (CPU1) extended resolution filtered temperature value
register, most-significant byte
Z1b_F_LSB
1Ah
Zone 1b (CPU1) extended resolution filtered temperature value
register, least-significant-byte
Z1b_F_MSB
1Bh
Zone 1b (CPU1) extended resolution filtered temperature value
register, most-significant byte
Z2a_F_LSB
1Ch
Zone 2a (CPU2) extended resolution filtered temperature value
register, least-significant-byte
Z2a_F_MSB
1Dh
Zone 2a (CPU2) extended resolution filtered temperature value
register, most-significant byte
Z2b_F_LSB
1Eh
Zone 2b (CPU2) extended resolution filtered temperature value
register, least-significant-byte
Z2b_F_MSB
1Fh
Zone 2b (CPU2) extended resolution filtered temperature value
register, most-significant byte
Z3_LSB
20h
Zone 3 (Internal) extended resolution temperature value
register, least-significant byte
Z3_MSB
21h
Zone 3 (Internal) extended resolution temperature value
register, least-significant byte
Z4_LSB
22h
Zone 4 (External Digital) extended resolution temperature value
register, most-significant byte
Z4_MSB
23h
Zone 4 (External Digital) extended resolution temperature value
register, least-significant byte
Reserved
24h-30h
PI LOOP AND FAN CONTROL SETUP REGISTERS
x
Temperature Source Select
31h
Selects the temperature source for some temperature zones.
x
PWM Filter Settings
32h
Sets the IIR filter coefficients for the PWM outputs for low
resolution sources
x
PWM1 Filter Shutoff Threshold
33h
PWM1 Filter Shutoff Threshold
x
PWM2 Filter Shutoff Threshold
34h
PWM2 Filter Shutoff Threshold
x
PI/LUT Fan Control Bindings
35h
PI/LUT fan control binding configuration
x
PI Controller Minimum PWM and
Hysteresis
36h
PI Controller Minimum PWM and Hysteresis settings
x
Zone 1 Tcontrol
37h
Zone 1 (CPU1) PI Controller Target Temperature (Tcontrol)
x
Zone 2 Tcontrol
38h
Zone 2 (CPU2) PI Controller Target Temperature (Tcontrol)
x
Zone 1 Toff
39h
Zone 1 (CPU1) PI Controller Off Temperature (Toff)
x
Zone 2 Toff
3Ah
Zone 2 (CPU2) PI Controller Off Temperature (Toff)
x
P Coefficient
3Bh
PI controller proportional coefficient
x
I Coefficient
3Ch
PI controller integral coefficient
x
PI Exponents
3Dh
PI controller coefficient exponents
DEVICE IDENTIFICATION REGISTERS
Manufacturer ID
3Eh
Contains manufacturer ID code
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com