Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM94 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM94
Description  TruTherTM Hardware Monitor with PI Loop Fan Control for Server Management
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM94 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM94 Datasheet HTML 11Page - National Semiconductor (TI) LM94 Datasheet HTML 12Page - National Semiconductor (TI) LM94 Datasheet HTML 13Page - National Semiconductor (TI) LM94 Datasheet HTML 14Page - National Semiconductor (TI) LM94 Datasheet HTML 15Page - National Semiconductor (TI) LM94 Datasheet HTML 16Page - National Semiconductor (TI) LM94 Datasheet HTML 17Page - National Semiconductor (TI) LM94 Datasheet HTML 18Page - National Semiconductor (TI) LM94 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
13.0 Registers (Continued)
Lock
Register Name
Address
Description
OTHER LIMIT REGISTERS
FAN Tach 4 Limit MSB
BBh
FAN Tach 4 Limit MSB
SETUP REGISTERS
Special Function Control 1
BCh
Controls the hysteresis for voltage limit comparisons. Also
selects filtered or unfiltered temperature usage for temperature
limit comparisons and fan control.
Special Function Control 2
BDh
Enables smart tach detection. Also selects 0.5˚C or 1.0˚C
resolution for fan control.
x
GPI / VID Level Control
BEh
Control the input threshold levels for the P1_VIDx, P2_VIDx
and GPIO_x inputs.
x
PWM Ramp Control
BFh
Controls the ramp rate of the PWM duty cycle when
VRDx_HOT is asserted, as well as the ramp rate when
PROCHOT exceeds the user threshold.
x
Fan Boost Hysteresis (Zones 1/2)
C0h
Fan Boost Hysteresis for zones 1 and 2
x
Fan Boost Hysteresis (Zones 3/4)
C1h
Fan Boost Hysteresis for zones 3 and 4
x
Zones 1/2 Spike Smoothing Control
C2h
Configures Spike Smoothing for zones 1 and 2
x
LUT 1/2 MinPWM and Hysteresis
C3h
Controls MinPWM and hysteresis setting for LUT 1 and 2
auto-fan control
x
LUT 3/4 MinPWM and Hysteresis
C4h
Controls MinPWM and hysteresis setting for LUT 3 and 4
auto-fan control
GPO
C5h
Controls the output state of the GPIO pins
PROCHOT Control
C6h
Controls assertion of P1_PROCHOT or P2_PROCHOT
PROCHOT Time Interval
C7h
Configures the time window over which the PROCHOT inputs
are measured
x
PWM1 Control 1
C8h
Controls PWM control source bindings.
x
PWM1 Control 2
C9h
Controls PWM override and output polarity
x
PWM1 Control 3
CAh
Controls PWM spin-up duration and duty cycle
x
PWM1 Control 4
CBh
Frequency control for PWM1.
x
PWM2 Control 1
CCh
Controls PWM control source bindings.
x
PWM2 Control 2
CDh
Controls PWM override and output polarity
x
PWM2 Control 3
CEh
Controls PWM spin-up duration and duty cycle
x
PWM2 Control 4
CFh
Frequency control for PWM2
x
LUT 1 Base Temperature
D0h
Base temperature to which look-up table offset is applied for
LUT 1
x
LUT 2 Base Temperature
D1h
Base temperature to which look-up table offset is applied for
LUT 2
x
LUT 3 Base Temperature
D2h
Base temperature to which look-up table offset is applied for
LUT 3
x
LUT 4 Base Temperature
D3h
Base temperature to which look-up table offset is applied for
LUT 4
x
Step 2 Temp Offset
D4h
Step 2 LUT 1/2 and LUT 3/4 Offset Temperatures
x
Step 3 Temp Offset
D5h
Step 3 LUT 1/2 and LUT 3/4 Offset Temperatures
x
Step 4 Temp Offset
D6h
Step 4 LUT 1/2 and LUT 3/4 Offset Temperatures
x
Step 5 Temp Offset
D7h
Step 5 LUT 1/2 and LUT 3/4 Offset Temperatures
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com