Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCA2002 Datasheet(PDF) 4 Page - Tripath Technology Inc.

Part # TCA2002
Description  STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TCA2002 Datasheet(HTML) 4 Page - Tripath Technology Inc.

  TCA2002 Datasheet HTML 1Page - Tripath Technology Inc. TCA2002 Datasheet HTML 2Page - Tripath Technology Inc. TCA2002 Datasheet HTML 3Page - Tripath Technology Inc. TCA2002 Datasheet HTML 4Page - Tripath Technology Inc. TCA2002 Datasheet HTML 5Page - Tripath Technology Inc. TCA2002 Datasheet HTML 6Page - Tripath Technology Inc. TCA2002 Datasheet HTML 7Page - Tripath Technology Inc. TCA2002 Datasheet HTML 8Page - Tripath Technology Inc. TCA2002 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Tri p ath Techn o l o g y, I n c. - T echn i cal I n fo rmation
4
TCA2002 – KLi/0.95/04.06
T CA2002 PI N DESCRI PTI ON
Pin
Function
Description
1
BIASCAP
Bandgap reference times two (typically 2.5VDC). Used to set the common mode
voltage for the input op amps. This pin is not capable of driving external
circuitry.
2
6
FBKP2
FBKP1
Positive switching feedback (Channels 2 & 1)
3
DCMP
Internal mode selection. Grounding this pin enables 16-pulses during startup.
Connecting this pin to V5 disables 16-pulses during startup, which minimizes
turn-on pop. DCMP must be grounded when connected to fet drivers or power
stages using bootstrapped high-side supplies.
4
7
FBKN2
FBKN1
Negative switching feedback (Channels 2 & 1)
5
VPWR
Test pin. Must be left floating.
8
HMUTE
Logic output. A logic high indicates both amplifiers are muted, due to the mute
pin state, or a “fault”.
9, 12
Y1, Y2
Non-inverted switching modulator outputs. (Channels 1 & 2)
10, 11
Y1B, Y2B
Inverted switching modulator outputs. (Channels 1 & 2)
13
NC
No connect
14,16
OCD2, OCD1
Over Current Detect inputs. If either pin exceeds VTOC, both amplifiers are
muted. Ground if not used. The TCA2002 will try to automatically recover from
an over current fault with an approximately 950mS repetition rate.
15
REF
Internal reference voltage; approximately 1.0 VDC. Connect and 8.25k
Ω, 1% to
AGND.
17
VNNSENSE
Negative supply voltage sense input. This pin is used for both over and under
voltage sensing for the VNN supply.
18
OVRLDB
A logic low output indicates the input signal has overloaded the amplifier.
19
VPPSENSE
Positive supply voltage sense input. This pin is used for both over and under
voltage sensing for the VPP supply.
20
AGND
Ground
21
V5
5 Volt power supply input.
22
27
OAOUT1
OAOUT2
Input stage output pins. (Channels 1 and 2)
23, 28
INV1, INV2
Single-ended inputs. Inputs are a “virtual” ground of an inverting opamp with
approximately 2.5VDC bias. The bias at INV1 and INV2 is active, even if the
MUTE pin is high.
24
MUTE
When set to logic high, both amplifiers are muted and in idle mode. When low
(grounded), both amplifiers are fully operational. If left floating, the device stays
in the mute mode. Ground if not used.
25, 26
BBM1, BBM0
Break-before-make timing control to prevent shoot-through in the output
MOSFETs. Please refer to the Application Information section additional
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com