Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCA2002 Datasheet(PDF) 13 Page - Tripath Technology Inc.

Part # TCA2002
Description  STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TCA2002 Datasheet(HTML) 13 Page - Tripath Technology Inc.

Back Button TCA2002 Datasheet HTML 9Page - Tripath Technology Inc. TCA2002 Datasheet HTML 10Page - Tripath Technology Inc. TCA2002 Datasheet HTML 11Page - Tripath Technology Inc. TCA2002 Datasheet HTML 12Page - Tripath Technology Inc. TCA2002 Datasheet HTML 13Page - Tripath Technology Inc. TCA2002 Datasheet HTML 14Page - Tripath Technology Inc. TCA2002 Datasheet HTML 15Page - Tripath Technology Inc. TCA2002 Datasheet HTML 16Page - Tripath Technology Inc. TCA2002 Datasheet HTML 17Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Tri p ath Techn o l o g y, I n c. - T echn i cal I n fo rmation
13
TCA2002 – KLi/0.95/04.06
Figure 5 shows the basic single supply, bridged output amplifier using a TCA2002. The MOSFET
output stage operates from a single power supply, VPP (for instance 60VDC). Both terminals of the
speaker are actively driven. Differential feedback is taken from each half-bridge output. The resistor
divider networks at the TCA2002 scale the feedback signals. The resistor values are determined
based on the supply voltage, as explained below.
It should be noted that only one channel of the modulator is required to create a bridged amplifier.
This is done by reversing the Y1 and Y1B connections to the second FET driver. This creates an out
of phase signal at HB OUTN with respect to HB OUTP.
A bridged amplifier has the advantage of potentially 4 times the output power for a given supply rail.
But the disadvantage is that the required number of FET drivers and MOSFETs per channel
increases by a factor of two.
The modulator feedback resistors are:
Ω
=
1K
typically
specified,
User
RFBB
1000
*
350
RFBC
−
=
VPP
)
R
(1000
R
*
2333.33
R
FBC
FBC
FBB
+
=
1
R
*
R
)
R
(R
*
R
A
FBB
FBA
FBB
FBA
FBC
MODULATOR
-
V
+
+
≈
For example, in a system with a SINGLE-SUPPLY, BRIDGED OUTPUT amplifier of VPPMAX = 60V,
RFBA = 2.22kΩ, use 2.21kΩ, 1%
RFBB = 1kΩ, 1%
RFBC = 20kΩ, 1%
The resultant modulator gain is:
30.05V/V
1
2.21k Ω
*
1.0k Ω
)
2.21k
(1.0k Ω
*
20.0k Ω
A
MODULATOR
-
V
=
+
Ω
+
≈
Mute Cont rol
When a logic high signal is supplied to MUTE, both amplifier channels are muted (both high- and low-
side transistors are turned off). When a logic level low is supplied to MUTE, both amplifiers are fully
operational. Please note, that unlike previous Tripath controllers such as TC2000 and TC2001, the
state of MUTE does not effect the input stage biasing. Thus, even if MUTE is high, the bias at INV1
will be active. This will keep the input capacitor, CI, charged via RI, thus, minimizing turn-on pops.
Please note that the TCA2002 requires about 250mS to become active, after the de-assertion of
MUTE (MUTE logic high
MUTE logic low). Also, the TCA2002 requires about 350uS to go into
mute, after the assertion of MUTE (MUTE logic low
logic high).
Break-Bef o re-Make (BBM) Timing Control
The TCA2002 can also insert a delay between the Yx and YxB output signals. This dead time will
minimize shoot thru currents, in the case that the output driver or power stage does not have built in
BBM circuitry. BBM0 and BBM1 are logic inputs (connected to logic high or pulled down to logic low)
that control the break-before-make timing of the output transistors according to the following table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com