Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCA2002 Datasheet(PDF) 7 Page - Tripath Technology Inc.

Part # TCA2002
Description  STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TCA2002 Datasheet(HTML) 7 Page - Tripath Technology Inc.

Back Button TCA2002 Datasheet HTML 3Page - Tripath Technology Inc. TCA2002 Datasheet HTML 4Page - Tripath Technology Inc. TCA2002 Datasheet HTML 5Page - Tripath Technology Inc. TCA2002 Datasheet HTML 6Page - Tripath Technology Inc. TCA2002 Datasheet HTML 7Page - Tripath Technology Inc. TCA2002 Datasheet HTML 8Page - Tripath Technology Inc. TCA2002 Datasheet HTML 9Page - Tripath Technology Inc. TCA2002 Datasheet HTML 10Page - Tripath Technology Inc. TCA2002 Datasheet HTML 11Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Tri p ath Techn o l o g y, I n c. - T echn i cal I n fo rmation
7
TCA2002 – KLi/0.95/04.06
EXTERNAL COM P ONENTS DESCR I PTION (Refer to the Application/Test Circuits)
Component
Description
RI
Inverting input resistance to provide AC gain in conjunction with RF. This input is
biased at the BIASCAP voltage (approximately 2.5VDC).
RF
Feedback resistor to set AC gain in conjunction with RI. Please refer to the
Amplifier Gain paragraph, in the Application Information section.
CA
BIASCAP decoupling capacitor. Should be located close to pin 1 and grounded at
pin 20.
CI
AC input coupling capacitor, which, in conjunction with RI, forms a high pass filter
at
)
C
R
2
(
1
f
I
I
C
π
=
.
RFBA
Feedback resistor divider connected to 5V. This resistor is normally set to 1k
Ω.
RFBB
Feedback divider resistor connected to AGND. The value of this resistor depends
on the supply voltage setting and helps set gain in conjunction with RI, RF, RFBA
,RFBB, and RFBC.
RFBC
Feedback resistor connected from either the OUT1A/OUT2A to
FBKOUT1/FBKOUT2 or OUT1B/OUT2B to FBKGND1/FBKGND2. The value of
this resistor depends on the supply voltage setting and helps set gain in
conjunction with RI, RF, RFBBA, RFBB, and RFBC. It should be noted that the resistor
from OUT1/OUT2 to FBKOUT1/FBKOUT2 must have a power rating of greater
than
)
(2R
VPP
P
FBC
2
DISS =
.
CFB
Feedback delay capacitor that both lowers the idle switching frequency and filters
very high frequency noise from the feedback signal, which improves amplifier
performance. The value of CFB should be offset between channel 1 and channel 2
so that the idle switching difference is greater than 40kHz.
ROFA
Potentiometer used to manually trim the DC offset on the speaker output.
ROFB
Resistors that limit the manual DC offset trim range and allows for more precise
adjustment.
COF
Supply decoupling for the offset trim circuit.
RREF
Bias resistor. Locate close to pin 15 and ground at pin 20.
CS
Supply decoupling for the power supply pins. For optimum performance, these
components should be located close to the TCA2002 and returned to their
respective ground as shown in the Application/Test Circuit.
RVNN1
Main over-voltage and under-voltage sense resistor for the negative supply
(VNN).
RVNN2
Secondary over-voltage and under-voltage sense resistor for the negative supply
(VNN). This resistor accounts for the internal VNNSENSE bias of 1.25V. Nominal
resistor value should be three times that of RVNN1.
RVPP1
Main over-voltage and under-voltage sense resistor for the positive supply (VPP).
RVPP2
Secondary over-voltage and under-voltage sense resistor for the positive supply
(VNN). This resistor accounts for the internal VPPSENSE bias of 2.5V. Nominal
resistor value should be equal to that of RVPP1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com