Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCA2002 Datasheet(PDF) 11 Page - Tripath Technology Inc.

Part # TCA2002
Description  STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TCA2002 Datasheet(HTML) 11 Page - Tripath Technology Inc.

Back Button TCA2002 Datasheet HTML 7Page - Tripath Technology Inc. TCA2002 Datasheet HTML 8Page - Tripath Technology Inc. TCA2002 Datasheet HTML 9Page - Tripath Technology Inc. TCA2002 Datasheet HTML 10Page - Tripath Technology Inc. TCA2002 Datasheet HTML 11Page - Tripath Technology Inc. TCA2002 Datasheet HTML 12Page - Tripath Technology Inc. TCA2002 Datasheet HTML 13Page - Tripath Technology Inc. TCA2002 Datasheet HTML 14Page - Tripath Technology Inc. TCA2002 Datasheet HTML 15Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Tri p ath Techn o l o g y, I n c. - T echn i cal I n fo rmation
11
TCA2002 – KLi/0.95/04.06
half-bridge output and load ground. The resistor divider networks at the TCA2002 scale the feedback
signals. The resistor values are determined based on the supply voltage, as explained below.
The modulator feedback resistors are:
Ω
=
1K
typically
specified,
User
RFBA
4)
-
(VPP
VPP
*
R
R
FBA
FBB
=
4
VPP
*
R
R
FBA
FBC
=
1
R
*
R
)
R
(R
*
R
A
FBB
FBA
FBB
FBA
FBC
MODULATOR
-
V
+
+
≈
The above equations assume that VPP=|VNN|.
For example, in a system with a SPLIT-SUPPLY, SINGLE ENDED amplifier of VPPMAX=60V and
VNNMAX=-60V,
RFBA = 1kΩ, 1%
RFBB = 1.071kΩ, use 1.07kΩ, 1%
RFBC = 15.0kΩ, use 15.0kΩ, 1%
The resultant modulator gain is:
30.02V/V
1
1.07k Ω
*
1.0k Ω
)
1.07k
(1.0k Ω
*
15.0k Ω
MODULATOR
-
AV
=
+
Ω
+
≈
For SPLIT-SUPPLY, BRIDGED OUTPUT operation:
Figure 4: Split Supply, Bridged Output (One Channel)
Figure 4 shows the basic split supply, bridged output amplifier using a TCA2002. The MOSFET
output stage operates from two power supplies, VPP and VNN, that are equal magnitude, but
opposite polarity (for instance +/-60VDC).
Both terminals of the speaker are actively driven.
Differential feedback is taken from each half-bridge output. The resistor divider networks at the
TCA2002 scale the feedback signals. The resistor values are determined based on the supply
voltage, as explained below.
FET Driver
TCA2002
MOSFETS
Y1
Y1B
HIN1
LIN1
VPP
VNN
FBKN1
FBKP1
HB OUTP
R
FBB
V5
R
FBA R
FBC
R
FBB
V5
R
FBA R
FBC
HS OUT1
LS OUT1
HS GATE1
LS GATE1
HS OUT2
LS OUT2
HS GATE2
LS GATE2 HB OUTN
HIN2
LIN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com