Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCA2002 Datasheet(PDF) 3 Page - Tripath Technology Inc.

Part # TCA2002
Description  STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TCA2002 Datasheet(HTML) 3 Page - Tripath Technology Inc.

  TCA2002 Datasheet HTML 1Page - Tripath Technology Inc. TCA2002 Datasheet HTML 2Page - Tripath Technology Inc. TCA2002 Datasheet HTML 3Page - Tripath Technology Inc. TCA2002 Datasheet HTML 4Page - Tripath Technology Inc. TCA2002 Datasheet HTML 5Page - Tripath Technology Inc. TCA2002 Datasheet HTML 6Page - Tripath Technology Inc. TCA2002 Datasheet HTML 7Page - Tripath Technology Inc. TCA2002 Datasheet HTML 8Page - Tripath Technology Inc. TCA2002 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Tri p ath Techn o l o g y, I n c. - T echn i cal I n fo rmation
3
TCA2002 – KLi/0.95/04.06
EL ECTR I CAL CHA RACTER I S T I C S (Note 5)
TA = 25 °C. See Application/Test Circuit.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Iq
Quiescent Current
(Mute = 0V)
V5 = 5V
45
60
mA
IMUTE
Mute Supply Current
(Mute = 5V)
V5 = 5V
TBD
TBD
mA
VIH
High-level input voltage (MUTE)
3.5
V
VIL
Low-level input voltage (MUTE)
1.0
V
VOH
High-level output voltage (HMUTE) IOH = XmA
TBD
V
VOL
Low-level output voltage (HMUTE) IOL = XmA
TBD
V
VOH
High-level output voltage (Yx, YxB) IOH = XmA
TBD
V
VOL
Low-level output voltage (Yx, YxB) IOL = XmA
TBD
V
VTOC
Over Current Comparator Voltage
Threshold (OCD1 and OCD2)
0.85
0.97
1.09
V
IVPPSENSE
VPPSENSE Threshold Currents
Over-voltage turn on (muted)
Over-voltage turn off (mute off)
Under-voltage turn off (mute off)
Under-voltage turn on (muted)
121.6
45.6
151.4
61.2
µA
µA
µA
µA
VVPPSENSE Threshold Voltages with
RVPP1 = RVPP2 = 383KΩ
(Note 6)
Over-voltage turn on (muted)
Over-voltage turn off (mute off)
Under-voltage turn off (mute off)
Under-voltage turn on (muted)
46.6
17.5
58.0
23.4
V
V
V
V
IVNNSENSE VNNSENSE Threshold Currents
Over-voltage turn on (muted)
Over-voltage turn off (mute off)
Under-voltage turn off (mute off)
Under-voltage turn on (muted)
118.7
41.0
153.4
58.3
µA
µA
µA
µA
VVNNSENSE Threshold Voltages with
RVNN1 = 392KΩ
RVNN2 = 1.2MΩ
(Note 6)
Over-voltage turn on (muted)
Over-voltage turn off (mute off)
Under-voltage turn off (mute off)
Under-voltage turn on (muted)
46.5
16.1
60.1
22.9
V
V
V
V
Note 5: Minimum and maximum limits are guaranteed but may not be 100% tested.
Note 6: These supply voltages are calculated using the IVPPSENSE and IVNNSENSE values shown in the Electrical
Characteristics table. They are shown for example only and are based on a +/-45V typical supply voltage.
The voltage values shown are calculated using RVPP and RVNN values without any tolerance variation.
Tripath recommends 1% tolerance (or better) sense resistors for all applications. Please refer to the
Application Information section for a more detailed description of how to calculate the over and under
voltage trip voltages for a given resistor value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com