Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCA2002 Datasheet(PDF) 6 Page - Tripath Technology Inc.

Part # TCA2002
Description  STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TCA2002 Datasheet(HTML) 6 Page - Tripath Technology Inc.

Back Button TCA2002 Datasheet HTML 2Page - Tripath Technology Inc. TCA2002 Datasheet HTML 3Page - Tripath Technology Inc. TCA2002 Datasheet HTML 4Page - Tripath Technology Inc. TCA2002 Datasheet HTML 5Page - Tripath Technology Inc. TCA2002 Datasheet HTML 6Page - Tripath Technology Inc. TCA2002 Datasheet HTML 7Page - Tripath Technology Inc. TCA2002 Datasheet HTML 8Page - Tripath Technology Inc. TCA2002 Datasheet HTML 9Page - Tripath Technology Inc. TCA2002 Datasheet HTML 10Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Tri p ath Techn o l o g y, I n c. - T echn i cal I n fo rmation
6
TCA2002 – KLi/0.95/04.06
A P PL I C AT IO N / TE ST DI AG R A M
TCA2002 Typical Application Circuit
*R
FBC
*R
FBB
R
I
C
A
0.1uF
OUT1
TCA2002
C
FB
+
C
I
*R
FBC
R
F
+
C
I
OUT2
*R
FBB
R
I
*R
FBC
R
REF
8.25k
Ω, 1%
PGND1
1
2
*R
FBB
PGND2
15
16
17
20
21
24
25
26
27
28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Y1B
HMUTE
Y1
Y2B
Y2
REF
OCD1
VNNSENSE
AGND
V5
MUTE
BBM1
BBM0
OAOUT2
INV2
BIASCAP
FBKGND2
DCMP
FBKOUT2
VPWR
FBKGND1
FBKOUT1
HMUTE
Y1
Y1B
Y2B
Y2
NC
OCD2
*R
VNN1
V5
R
OFB
V5
IN1
C
OF
0.1uF
R
OFA
IN2
R
OFB
C
OF
0.1uF
R
F
22
23
OAOUT1
INV1
V5
R
OFB
R
OFA
19
VPPSENSE
18
OVRLDB
VPP
V5
VNN
V5
C
OCR
R
OCR
C
OCR
R
OCR
OCD2
OCD1
220pF
220pF
C
S
0.1uF
V5
R
FBA
V5
R
FBA
*R
FBB
C
FB
V5
R
FBA
V5
R
FBA
*R
VNN2
*R
VPP1
*R
VPP2
20k
Ω
20k
Ω
20k
Ω
10k
Ω
2.2uF
510k
Ω
510k
Ω
10k
Ω
510k
Ω
R
OFB
510k
Ω
20k
Ω
20k
Ω
2.2uF
20k
Ω
1K
Ω
1.1K
Ω
1K
Ω
1.1K
Ω
1K
Ω
10K
Ω
10K
Ω
10K
Ω
10K
Ω
1.1K
Ω
1K
Ω
1.1K
Ω
*R
FBC
* Component values must be adjusted based on amplifier supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com