Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCA2002 Datasheet(PDF) 1 Page - Tripath Technology Inc.

Part # TCA2002
Description  STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TCA2002 Datasheet(HTML) 1 Page - Tripath Technology Inc.

  TCA2002 Datasheet HTML 1Page - Tripath Technology Inc. TCA2002 Datasheet HTML 2Page - Tripath Technology Inc. TCA2002 Datasheet HTML 3Page - Tripath Technology Inc. TCA2002 Datasheet HTML 4Page - Tripath Technology Inc. TCA2002 Datasheet HTML 5Page - Tripath Technology Inc. TCA2002 Datasheet HTML 6Page - Tripath Technology Inc. TCA2002 Datasheet HTML 7Page - Tripath Technology Inc. TCA2002 Datasheet HTML 8Page - Tripath Technology Inc. TCA2002 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Tri p ath Techn o l o g y, I n c. - T echn i cal I n fo rmation
1
TCA2002 – KLi/0.95/04.06
TCA2002
STEREO CLASS-T™ AUDIO CONTROLLER USING DIGITAL
POWER PROCESSING (DPP™) TECHNOLOGY
PRELIMIN A R Y INF O RM A T I O N
Re v i s i on 0.95 – A p r il 2006
GEN E RA L DESCR I PTION
The TCA2002 is a two channel audio controller that uses Tripath’s proprietary Digital Power
Processing (DPP
TM) technology. When combined with switching power output stages, the TCA2002
allows the implementation of a complete Class-T audio amplifier. Class-T amplifiers offer both the
audio fidelity of Class-AB and the power efficiency of Class-D amplifiers.
The TCA2002 is pin compatible with the Tripath’s previous stereo controllers, the TC2000 and
TC2001. The basis for Tripath controllers is a proprietary, fully scalable, feedback structure. The
TCA2002 is capable of single ended or bridged operation, with single or split power supplies. When
mated with the appropriate power stage, amplifiers with output powers of 25W to 1000W, or more,
are possible. Both Tripath power stages as well as third party power stages, whether integrated, or
discrete, can be used to make a complete, high-performance switching amplifier.
Many features on the TCA2002 have been improved including increased supply range, elimination of
turn-on pop, and automatic recovery from an overcurrent fault.
APPLICA T IONS
High End Amplifiers
Professional Audio Amplifiers
5.1-Channel DVD
Mini/Micro Component Systems
BENEFITS
High fidelity, high efficiency Class-T
controller
Feedback structure allows usage of
unregulated power supply
Analog inputs
Improved Click and Pop performance
Wider power supply range
FEA T UR ES
Class-T Architecture
Audiophile Quality performance when mated with
appropriate power circuitry
Supply range configurable via external resistors
Wide Dynamic Range >100dB
Compatible with unregulated and regulated power
supplies
Break Before Make (BBM) circuitry
Over voltage and Under voltage circuitry with wider
supply range
Fully deglitched comparators for overcurrent detection
Automatic recovery from fault conditions
Pin compatible with TC2000 and TC2001


Similar Part No. - TCA2002

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA205 SIEMENS-TCA205 Datasheet
176Kb / 6P
Proximity Switch
More results

Similar Description - TCA2002

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA1101B TRIPATH-TA1101B Datasheet
202Kb / 13P
Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2021B TRIPATH-TA2021B Datasheet
268Kb / 12P
STEREO 25W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TK2051 TRIPATH-TK2051 Datasheet
462Kb / 19P
STEREO 50W (8廓) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP)
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TK2070 TRIPATH-TK2070 Datasheet
422Kb / 21P
STEREO 70W (4Ohm) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA2022 TRIPATH-TA2022 Datasheet
420Kb / 31P
STEREO 90W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TC2000 TRIPATH-TC2000 Datasheet
202Kb / 9P
STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
RB-TA3020-1 TRIPATH-RB-TA3020-1 Datasheet
831Kb / 20P
CLASS-T DIGITAL AUDIO AMPLIFIER REFERENCE BOARD USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com