Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCA2002 Datasheet(PDF) 2 Page - Tripath Technology Inc.

Part # TCA2002
Description  STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TCA2002 Datasheet(HTML) 2 Page - Tripath Technology Inc.

  TCA2002 Datasheet HTML 1Page - Tripath Technology Inc. TCA2002 Datasheet HTML 2Page - Tripath Technology Inc. TCA2002 Datasheet HTML 3Page - Tripath Technology Inc. TCA2002 Datasheet HTML 4Page - Tripath Technology Inc. TCA2002 Datasheet HTML 5Page - Tripath Technology Inc. TCA2002 Datasheet HTML 6Page - Tripath Technology Inc. TCA2002 Datasheet HTML 7Page - Tripath Technology Inc. TCA2002 Datasheet HTML 8Page - Tripath Technology Inc. TCA2002 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Tri p ath Techn o l o g y, I n c. - T echn i cal I n fo rmation
2
TCA2002 – KLi/0.95/04.06
ABSOLUTE MAXIMUM RATINGS (Note 1)
SYMBOL
PARAMETER
Value
UNITS
V5
5V Power Supply
6
V
Vlogic
Input Logic Level
-0.3 to V5 +0.3
V
TA
Operating Free-air Temperature Range
-40 to 85
°C
TSTORE
Storage Temperature Range
-55 to 150
°C
TJMAX
Maximum Junction Temperature
150
°C
ESDHB
ESD Susceptibility – Human Body Model (Note 2)
2000
V
ESDMM
ESD Susceptibility – Machine Model (Note 3)
200
V
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
See the table below for Operating Conditions.
Note 2: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 3: Machine model, 220pF – 240pF discharged through all pins.
OPERATING CONDITIONS (Note 4)
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
V5
Supply Voltage
4.5
5
5.5
V
TA
Operating Temperature Range
-40
25
85
°C
Note 4: Recommended Operating Conditions indicate conditions for which the device is functional.
See Electrical Characteristics for guaranteed specific performance limits.
THERMAL CHARA CTER ISTICS
SYMBOL
PARAMETER
Value
UNITS
θJA
Junction-to-ambient Thermal Resistance (still air)
80
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com