Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 32 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 28Page - Texas Instruments CC2400-RTR1 Datasheet HTML 29Page - Texas Instruments CC2400-RTR1 Datasheet HTML 30Page - Texas Instruments CC2400-RTR1 Datasheet HTML 31Page - Texas Instruments CC2400-RTR1 Datasheet HTML 32Page - Texas Instruments CC2400-RTR1 Datasheet HTML 33Page - Texas Instruments CC2400-RTR1 Datasheet HTML 34Page - Texas Instruments CC2400-RTR1 Datasheet HTML 35Page - Texas Instruments CC2400-RTR1 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 84 page
background image
CC2400
SWRS042A
Page 32 of 83
If 8/10 coding is selected when using the
packet mode support, it should be noted
that the preamble and the sync words are
not encoded.
24.2 Data encoding in un-buffered
mode
When data buffering is not used, but the
DIO/DCLK interface, the
CC2400 can be
configured for two different data formats:
Synchronous NRZ mode. In transmit
mode
CC2400 provides the data clock at
DCLK, and DIO is used as data input.
Data is clocked into
CC2400 at the rising
edge of DCLK. The data is modulated at
RF without encoding. In receive mode
CC2400 does the synchronization and
provides received data clock at DCLK and
data at DIO. The data should be clocked
into the interfacing circuit at the rising
edge of DCLK. See Figure 12.
Synchronous Manchester encoded mode.
In transmit mode
CC2400 provides the data
clock at DCLK, and DIO is used as data
input. Data is clocked into
CC2400 at the
rising edge of DCLK and should be in NRZ
format. The data is modulated at RF with
Manchester code. The encoding is done
by
CC2400. In this mode the effective bit
rate is half the baud rate due to the
coding. This limits the maximum bit rate to
500 kbps. In receive mode
CC2400 does
the synchronization and provides received
data clock at DCLK and data at DIO.
CC2400 does the decoding and NRZ data
is presented at DIO. The data should be
clocked into the interfacing circuit at the
rising edge of DCLK. See Figure 13.
DCLK
DIO
“RF”
Clock provided by
CC2400
FSK modulating signal (NRZ),
internal in CC2400
Data provided by microcontroller (NRZ)
Transmitter side:
Clock provided by
CC2400
Demodulated signal (NRZ),
internal in CC2400
Data provided by CC2400 (NRZ)
Receiver side:
“RF”
DCLK
DIO
Figure 12. Synchronous NRZ mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com