Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 38 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 34Page - Texas Instruments CC2400-RTR1 Datasheet HTML 35Page - Texas Instruments CC2400-RTR1 Datasheet HTML 36Page - Texas Instruments CC2400-RTR1 Datasheet HTML 37Page - Texas Instruments CC2400-RTR1 Datasheet HTML 38Page - Texas Instruments CC2400-RTR1 Datasheet HTML 39Page - Texas Instruments CC2400-RTR1 Datasheet HTML 40Page - Texas Instruments CC2400-RTR1 Datasheet HTML 41Page - Texas Instruments CC2400-RTR1 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 84 page
background image
CC2400
SWRS042A
Page 38 of 83
27 FSK Modulation Formats
The data modulator can modulate 2FSK,
which is two level FSK, and GFSK, which
is a Gaussian filtered FSK with BT=0.5 at
1 Mbps (for lower data rates BT will be
higher).
The purpose of the GFSK is to make a
more bandwidth efficient system. The
modulation and the Gaussian filtering is
performed
internally.
The
GRMDM.TX_GAUSSIAN_FILTER
bit
enables the GFSK.
However, if GFSK modulation is used
together with a data rate of 1 Mbps, it is
recommended to use a preamble length of
32 bytes as otherwise packet error
performance can be affected.
Figure 18 shows a plot of the spectrum for
FSK and GFSK modulation. Input data
was a PN9 sequence. The plot was
captured using a spectrum analyzer set to
5 MHz span and 300 kHz RBW.
-70
-60
-50
-40
-30
-20
-10
0
2,438
2,439
2,440
2,441
2,442
2,443
Frequency [GHz]
FSK
GFSK
Figure 18. Modulated spectrum
28 Built-in Test Pattern Generator
The
CC2400 has a built-in test pattern
generator that can generate a PN9
pseudo
random
sequence.
The
MDMTST0.TX_PRNG bit enables the PN9
generator.
The PN9 pseudo random sequence is
defined by the polynomial x
9 + x5 + 1.
The PN9 generator can be used for
transmission of ‘real-life’ data when
measuring
modulation
bandwidth
or
occupied bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com