Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 75 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 71Page - Texas Instruments CC2400-RTR1 Datasheet HTML 72Page - Texas Instruments CC2400-RTR1 Datasheet HTML 73Page - Texas Instruments CC2400-RTR1 Datasheet HTML 74Page - Texas Instruments CC2400-RTR1 Datasheet HTML 75Page - Texas Instruments CC2400-RTR1 Datasheet HTML 76Page - Texas Instruments CC2400-RTR1 Datasheet HTML 77Page - Texas Instruments CC2400-RTR1 Datasheet HTML 78Page - Texas Instruments CC2400-RTR1 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 84 page
background image
CC2400
SWRS042A
Page 75 of 83
Bit
Field Name
Reset
R/W
Description
6:0
RES[6:0]
0
R/W
Reserved for future use.
Reserved (0x29) – Reserved Register
Bit
Field Name
Reset
R/W
Description
15:8
RES[15:8]
0
W0
Reserved for future use.
7:3
RES[7:3]
0
R/W
Reserved for future use.
2:0
RES[2:0]
3
R/W
Reserved for future use.
Reserved (0x2A) – Reserved Register
Bit
Field Name
Reset
R/W
Description
15:11
RES[15:11]
0
W0
Reserved for future use.
10
RES[10]
0
R/W
Reserved for future use.
9:0
RES[9:0]
512
R/W
Reserved for future use.
Reserved (0x2B) – Reserved register
Bit
Field Name
Reset
R/W
Description
15:14
RES[15:14]
0
W0
Reserved for future use.
13
RES[13]
-
R/W
Reserved for future use.
12
RES[12]
-
R
Reserved for future use.
11:0
RES[11:0]
1953
R
Reserved for future use.
SYNCL (0x2C) - Sync Word, Lower 16 Bit
Bit
Field Name
Reset
R/W
Description
15:0
SYNCWORD[15:0]
0XDA26
R/W
Synchronisation word, lower 16 bit.
The default synchronization word of
0XD391DA26 has very
good DC, autocorrelation, and bit-run properties for all
synchronization word lengths.
SYNCH (0x2D) - Sync Word, Upper 16 Bit
Bit
Field Name
Reset
R/W
Description
15:0
SYNCWORD[31:16]
0XD391
R/W
Synchronisation word, upper 16 bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com