Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 5 Page - Texas Instruments

  CC2400-RTR1 Datasheet HTML 1Page - Texas Instruments CC2400-RTR1 Datasheet HTML 2Page - Texas Instruments CC2400-RTR1 Datasheet HTML 3Page - Texas Instruments CC2400-RTR1 Datasheet HTML 4Page - Texas Instruments CC2400-RTR1 Datasheet HTML 5Page - Texas Instruments CC2400-RTR1 Datasheet HTML 6Page - Texas Instruments CC2400-RTR1 Datasheet HTML 7Page - Texas Instruments CC2400-RTR1 Datasheet HTML 8Page - Texas Instruments CC2400-RTR1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 84 page
background image
CC2400
SWRS042A
Page 5 of 83
2
Features
• 2400 – 2483 MHz RF transceiver
• GFSK and FSK modulation
• Very low current consumption (RX:
24 mA)
• Over-the-air data rates of 10 kbps,
250 kbps and 1 Mbps
• High sensitivity (-87 dBm @ 1Mbps,
BER=10
-3)
• Agile frequency synthesizer (40 us
settling time)
• On-chip VCO, LNA and PA
• Low core supply voltage (1.6-2.0 V)
• Flexible
I/O
supply
voltage
(1.6–3.6 V) to match the signal
levels
of
the
interfacing
microcontroller
• Programmable output power
• I/Q low-IF receiver
• I/Q direct up-conversion transmitter
• Few external components
• Only reference crystal and a few
passives needed
• No external filters needed
• Programmable baseband modem
• 4-wire SPI interface
• Serial clock up to 20 MHz
• Digital RSSI output
• Packet handling hardware support
• Preamble
generator
with
programmable length
• Programmable
synchronization
word insertion/detection
• CRC computation over the data
field
• 8B/10B line coding option
• Data buffering
• 32 byte FIFO
• Provides for flexible communication
with the host controller.
• Burst transmission reduces the
average power consumption.
• Powerful and flexible development
tools available
• Fully equipped development kit
• Demonstration
board
reference
design with microcontroller code
• Easy-to-use
SmartRF
Studio
software for generating the
CC2400
configuration data
• Small size (QFN 48 package) 7 x 7 mm
• Reference design complies with EN
300 328, EN 300 440, FCC CFR47 part
15 and ARIB STD-T66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com