Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 47 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 43Page - Texas Instruments CC2400-RTR1 Datasheet HTML 44Page - Texas Instruments CC2400-RTR1 Datasheet HTML 45Page - Texas Instruments CC2400-RTR1 Datasheet HTML 46Page - Texas Instruments CC2400-RTR1 Datasheet HTML 47Page - Texas Instruments CC2400-RTR1 Datasheet HTML 48Page - Texas Instruments CC2400-RTR1 Datasheet HTML 49Page - Texas Instruments CC2400-RTR1 Datasheet HTML 50Page - Texas Instruments CC2400-RTR1 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 84 page
background image
CC2400
SWRS042A
Page 47 of 83
38 Frequency Programming
The operating frequency is set by
programming the frequency word in the
FSDIV configuration register.
The frequency word is 12 bits and is
located
in
FSDIV.FREQ[11:0].
Writing/reading FSDIV[11:0] will give
the frequency directly in MHz. (The bits
FSDIV.FREQ[11:10] are hardwired to
‘10’ giving a fixed offset of 2048.)
FSDIV should only be modified while the
CC2400 is in IDLE mode. Otherwise the
PLL may go out of lock as a calibration is
only performed when exiting IDLE mode.
38.1 Transmit mode
In
transmit
mode
an
I/Q
direct
upconversion scheme is used (i.e. no
intermediate frequency for the modulated
baseband
signal).
MDMTST0.TX_1MHZ_OFFSET_N=1
must
therefore
be
set
during
the
chip
initialization sequence (ref. Figure 16).
When MDMTST0.TX_1MHZ_OFFSET_N=1
the transmit channel center frequency
(carrier frequency), fc, in MHz is given
directly by:
[]
[ ]
0
:
9
FREQ
0
:
11
FREQ
+
=
=
2048
c
f
The two FSK modulation frequencies are
given by:
f0 = fc − fdev
f1 = fc + fdev
where fdev is the FSK frequency deviation.
fdev
is
programmed
with
MDMCTRL.MOD_DEV[6:0] and given by
(in kHz):
[]
0
:
6
_
9062
.
3
DEV
MOD
f
dev
⋅
±
=
The default value is MOD_DEV = 64 giving
250 kHz deviation.
The TX_GAUSSIAN_FILTER bit in the
GRMDM register controls the Gaussian
shaping of the modulation signal. See also
page 38.
38.2 Receive mode
Low side LO injection is used, hence:
fLO = fRF − fIF
where, fRF is the center frequency of the
channel and fIF = 1 MHz.
Thus, in receive mode the frequency
generated by the frequency synthesizer,
fc, must be programmed to be the LO
frequency.
39 Alternate TX IF setting
It is possible to configure
CC2400 to
operate with an intermediate frequency of
1 MHz in transmit mode. It is not generally
recommended to do this, as the TX
spectrum will have higher spur content
than when using the direct up conversion
mode. Using an intermediate frequency of
1 MHz in TX has the advantage of much
lower RX/TX switching time because the
VCO operates at the same frequency in
RX and TX.
1 MHz IF in TX mode is enabled by setting
MDMTST0.TX_1MHZ_OFFSET_N=0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com