Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 59 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 55Page - Texas Instruments CC2400-RTR1 Datasheet HTML 56Page - Texas Instruments CC2400-RTR1 Datasheet HTML 57Page - Texas Instruments CC2400-RTR1 Datasheet HTML 58Page - Texas Instruments CC2400-RTR1 Datasheet HTML 59Page - Texas Instruments CC2400-RTR1 Datasheet HTML 60Page - Texas Instruments CC2400-RTR1 Datasheet HTML 61Page - Texas Instruments CC2400-RTR1 Datasheet HTML 62Page - Texas Instruments CC2400-RTR1 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 84 page
background image
CC2400
SWRS042A
Page 59 of 83
Register name
Description
0x22
PKTSTATUS
R
Packet mode status
0x23
INT
R/W
Interrupt register
0x24
Reserved
R/W
0x25
Reserved
R/W
0x26
Reserved
R/W
0x27
Reserved
R/W
0x28
Reserved
R/W
0x29
Reserved
R/W
0x2A
Reserved
R/W
0x2B
Reserved
R/W
0x2C
SYNCL
R/W
Synchronisation word, lower 16 bit.
0x2D
SYNCH
R/W
Synchronisation word, upper 16 bit.
...
0x60
SXOSCON
S
Command strobe register: Turn on XOSC.
0x61
SFSON
S
Command strobe register: Start and calibrate FS and go from RX/TX to a wait
mode where the FS is running.
0x62
SRX
S
Command strobe register: Start RX.
0x63
STX
S
Command strobe register: Start TX (turn on PA).
0x64
SRFOFF
S
Command strobe register: Turn off RX/TX and FS.
0x65
SXOSCOFF
S
Command strobe register: Turn off XOSC.
0x66
Reserved
S
0x67
Reserved
S
0x68
Reserved
S
0x69
Reserved
S
0x6A
Reserved
S
0x6B
Reserved
S
0x6C
Reserved
S
0x6D
Reserved
S
0x6E
Reserved
S
0x6F
Reserved
S
0x70
FIFOREG
Special
Used to write data to and read data from the 8-bit wide 32 bytes FIFO used to
buffer outgoing TX data and incoming RX data in buffered RF mode.
MAIN (0x00) - Main Control Register
Bit
Field Name
Reset
R/W
Description
15
RESETN
-
R/W
Active low reset of entire circuit. Should be applied before doing
anything else.
14:10
-
0
W0
Reserved, write as 0.
9
FS_FORCE_EN
0
R/W
Forces the frequency synthesiser on (starts with a calibration).
The synthesiser can also be turned on in a number of other
ways.
8
RXN_TX
0
R/W
Selects whether RX operation ('0') or TX operation ('1') is desired
when FS_FORCE_EN is used. RX or TX mode is usually
selected using the SRX and STX strobe commands (or RX and
TX pins).
7:4
-
0
W0
Reserved, write as 0.
3
-
0
R/W
Reserved, write as 0.
2
-
0
R/W
Reserved, write as 0.
1
XOSC16M_BYPASS
0
R/W
Bypasses the 16 MHz main crystal oscillator and uses a buffered
version of the signal on Q1 directly. Used for external clock only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com