Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 58 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 54Page - Texas Instruments CC2400-RTR1 Datasheet HTML 55Page - Texas Instruments CC2400-RTR1 Datasheet HTML 56Page - Texas Instruments CC2400-RTR1 Datasheet HTML 57Page - Texas Instruments CC2400-RTR1 Datasheet HTML 58Page - Texas Instruments CC2400-RTR1 Datasheet HTML 59Page - Texas Instruments CC2400-RTR1 Datasheet HTML 60Page - Texas Instruments CC2400-RTR1 Datasheet HTML 61Page - Texas Instruments CC2400-RTR1 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 84 page
background image
CC2400
SWRS042A
Page 58 of 83
49 Configuration Registers
The configuration of
CC2400 is done by
programming the 16-bit configuration
registers. The configuration data based on
selected system parameters are most
easily found by using the SmartRFStudio
software. Complete descriptions of the
registers are given in the following tables.
After a RESET is programmed, all the
registers have default values as shown in
the tables.
Some registers are Strobe Command
Registers. Accessing these registers will
initiate the change of an internal state or
mode.
The FIFO is accessed as an 8-bit register.
Some registers contain signed values.
These are in two’s complement format. I.e.
for a 4-bit value, 0000 is 0, 1111 is –1,
1110 is –2, 1000 is -8 and 0111 is 7.
During the address transfer a status byte
is returned. This status byte is described
in Table 13 at page 23.
Overview of
CC2400 ‘s control registers
Register name
Description
0x00
MAIN
R/W
Main control register
0x01
FSCTRL
R/W
Frequency synthesiser main control and status
0x02
FSDIV
R/W
Frequency synthesiser frequency division control
0x03
MDMCTRL
R/W
Modem main control and status
0x04
AGCCTRL
R/W
AGC main control and status
0x05
FREND
R/W
Analog front-end control
0x06
RSSI
R/W
RSSI information
0x07
FREQEST
R/W
Received signal frequency offset estimation
0x08
IOCFG
R/W
I/O configuration register
0x09
Unused
0x0A
Unused
0x0B
FSMTC
R/W
Finite state machine time constants
0x0C
RESERVED
R/W
Reserved register containing spare control and status bits
0x0D
MANAND
R/W
Manual signal AND-override register
0x0E
FSMSTATE
R/W
Finite state machine information and breakpoint
0x0F
ADCTST
R/W
ADC test register
0x10
RXBPFTST
R/W
Receiver bandpass filters test register
0x11
PAMTST
R/W
PA and transmit mixers test register
0x12
LMTST
R/W
LNA and receive mixers test register
0x13
MANOR
R/W
Manual signal OR-override register
0x14
MDMTST0
R/W
Modem test register 0
0x15
MDMTST1
R/W
Modem test register 1
0x16
DACTST
R/W
DAC test register
0x17
AGCTST0
R/W
AGC test register: various control and status.
0x18
AGCTST1
R/W
AGC test register: AGC timeout.
0x19
AGCTST2
R/W
AGC test register: AGC various parameters.
0x1A
FSTST0
R/W
Test register: VCO array results and override.
0x1B
FSTST1
R/W
Test register: VC DAC manual control. VCO current constant.
0x1C
FSTST2
R/W
Test register:VCO current result and override.
0x1D
FSTST3
R/W
Test register: Charge pump current etc.
0x1E
MANFIDL
R
Manufacturer ID, lower 16 bit
0x1F
MANFIDH
R
Manufacturer ID, upper 16 bit
0x20
GRMDM
R/W
Generic radio modem control
0x21
GRDEC
R/W
Generic radio decimation control and status
1 R/W - Read/write (control/status), R - Status only, S – Strobe command register (perform action upon access)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com