Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 10Page - Texas Instruments CC2400-RTR1 Datasheet HTML 11Page - Texas Instruments CC2400-RTR1 Datasheet HTML 12Page - Texas Instruments CC2400-RTR1 Datasheet HTML 13Page - Texas Instruments CC2400-RTR1 Datasheet HTML 14Page - Texas Instruments CC2400-RTR1 Datasheet HTML 15Page - Texas Instruments CC2400-RTR1 Datasheet HTML 16Page - Texas Instruments CC2400-RTR1 Datasheet HTML 17Page - Texas Instruments CC2400-RTR1 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 84 page
background image
CC2400
SWRS042A
Page 14 of 83
Pin no.
Pin name
Pin type
Description
11
NC
---
No Connect
12
NC
---
No Connect
13
NC
---
No Connect
14
AVDD_RF2
Power (Analog)
Power supply for receive and transmit mixers
15
AVDD_IF2
Power (Analog)
Power supply for transmit IF chain
16
AVDD_ADC
Power (Analog)
Power supply connection of ADCs and DACs
17
DVDD_ADC
Power (Digital)
Power supply for digital part of receive ADCs
18
DGND_GUARD
Ground (Digital)
Ground connection for digital noise isolation
19
DGUARD
Power (Digital)
Power supply connection for digital noise isolation
20
BT/GR
Digital Input
Selection of Built-in-Test or Generic Radio (normal operation).
Connect to ground for normal operation (NOTE: For Chipcon
internal use only.)
21
GIO1
Digital I/O
General digital I/O pin. Configure as output when not used.
See Table 18
22
DGND
Ground (Digital)
Ground connection for digital modules
23
DSUB_PADS
Ground (Digital)
Substrate connection for digital I/O’s
24
DSUB_CORE
Ground (Digital)
Substrate connection for digital modules
25
DVDD3.3
Power (Digital)
Power supply for digital I/O’s
26
DVDD1.8
Power (Digital)
Power supply for digital modules
27
RX
Digital Input
Strobe signal for RX mode. Connect to ground when not used.
28
TX
Digital I/O
Strobe signal for TX mode. Connect to ground when not used.
29
DIO/PKT
Digital I/O
Data input/output in un-buffered mode or packet handling
control signal. Configure as output when not used.
30
DCLK/FIFO
Digital Output
Data clock output signal in un-buffered mode or FIFO control
signal. Leave open when not used.
31
CSn
Digital Input
SPI: Chip Select
32
SCLK
Digital Input
SPI: Serial data clock
33
SI
Digital Input
SPI: Slave Input
34
SO
Digital Output
SPI: Slave Output
35
GIO6
Digital Output
General digital output pin. See Table 18
36
NC
---
No Connect
37
NC
---
No Connect
38
NC
---
No Connect
39
NC
---
No Connect
40
NC
---
No Connect
41
AVDD_XOSC
Power (Analog)
Power supply for 16 MHz crystal oscillator
42
XOSC16_Q2
Analog output
16 MHz crystal oscillator
43
XOSC16_Q1
Analog input
16 MHz crystal oscillator or external clock input
44
AVDD_IF1
Power (Analog)
Power supply connection of receive IF chain
45
R_BIAS
Analog Output
Connection for external precision bias resistor
46
ATEST2
Analog I/O
Analog test I/O for prototype and production testing. Leave not
connected when not used.
47
ATEST1
Analog I/O
Analog test I/O for prototype and production testing. Leave not
connected when not used.
48
AVDD_CHP
Power (Analog)
Power supply for phase detector and charge pump
NOTES:
The exposed die attach pad must be connected to a solid ground plane as this is the main ground connection for the
chip.
The digital inputs SCLK, SI and CSn are high-impedance inputs (no internal pull-up) and should have external pull-
ups if not driven. RX and TX should have external pull-down if not driven (to prevent the state machine from being
trigged). SO is high-impedance when CSn is high. External pull-up should be used at SO to prevent floating input at
the microcontroller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com