Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR485E Datasheet(PDF) 8 Page - STMicroelectronics

Part # STR485E
Description  3.3 V RS485 compatible with 1.8 V I/Os and selectable speed 20 Mbps or 250kbps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR485E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STR485E Datasheet HTML 4Page - STMicroelectronics STR485E Datasheet HTML 5Page - STMicroelectronics STR485E Datasheet HTML 6Page - STMicroelectronics STR485E Datasheet HTML 7Page - STMicroelectronics STR485E Datasheet HTML 8Page - STMicroelectronics STR485E Datasheet HTML 9Page - STMicroelectronics STR485E Datasheet HTML 10Page - STMicroelectronics STR485E Datasheet HTML 11Page - STMicroelectronics STR485E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
4
Electrical characteristics
Table 8. Receiver: over recommended operating conditions (unless otherwise specified. Please, see
"Operating conditions" table)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Receiver/DC
VIT+
Positive-going receiver
differential input voltage
threshold
(1)
-60
-20
mV
VIT-
Negative-going receiver
differential input voltage
threshold
-200
-130
(1)
VHYS
Receiver differential input
voltage threshold
hysteresis (VIT+ - VIT- )(1)
40
70
VOH
Receiver high-level
output voltage
VL = 1.65 V, IOH = - 2 mA
1.25
1.45
V
VL = 3 V, IOH = - 2 mA
2.75
2.9
VOL
Receiver low-level output
voltage
VL = 1.65 V, IOL = 2 mA
0.2
0.45
VL = 3 V, IOL = 2 mA
0.1
0.25
COD
Differential output
capacitance
15
pF
IOZ
Receiver output high-
impedance current
VO = 0 V or VL, nRE at VL
-1
1
µA
Rin
Receiver input
impedance
-7 V ≤ Vincm ≤ +12 V
-40 °C ≤ Temp ≤ 125 °C
48 (2)
kΩ
II
Receiver input current
(disabled driver)
1V65 < VL < 3.3 V, VCC = 3.3 V
85(2)
µA
VI = 12 V, -40 °C ≤ Temp ≤ 125 °
250(2)
VI = -7 V, -40 °C ≤ Temp ≤ 125 °
-200(2)
Receiver / switching characteristics, SLR = ‘X’
tr, tf
Receiver output rise/fall
time
CL=15 pF
5
15
ns
tPHL, tPLH
Receiver propagation
delay time
15
25
60
tSK(P)
Receiver pulse skew, |
tPHL – tPLH|
15
tPLZ, tPHZ
Receiver disable time
12
20
tPLZ, tPZH, tPZL,
tPZH
Receiver enable time
Driver enabled CL=15 pF with 1 kΩ
15
80
Driver disabled CL=15 pF with
1 kΩ
2
8
µs
1. Under any specific conditions, VIT+, is specified to be at least VHYS higher than VIT-
2. Guaranteed by design simulation in temperature.
STR485E
Electrical characteristics
DS13051 - Rev 3
page 8/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com