Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR485E Datasheet(PDF) 12 Page - STMicroelectronics

Part # STR485E
Description  3.3 V RS485 compatible with 1.8 V I/Os and selectable speed 20 Mbps or 250kbps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR485E Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STR485E Datasheet HTML 8Page - STMicroelectronics STR485E Datasheet HTML 9Page - STMicroelectronics STR485E Datasheet HTML 10Page - STMicroelectronics STR485E Datasheet HTML 11Page - STMicroelectronics STR485E Datasheet HTML 12Page - STMicroelectronics STR485E Datasheet HTML 13Page - STMicroelectronics STR485E Datasheet HTML 14Page - STMicroelectronics STR485E Datasheet HTML 15Page - STMicroelectronics STR485E Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Figure 8. Driver differential output rise and fall times and propagation delays
D
VL
A
B
VOD
50%
tPLH
tPHL
VI
VOD
10%
90%
tr
tf
0 V
≈ 2 V
≈ -2 V
VL
Figure 9. Driver enable and disable times with active high output and pull-down load
DE
VL
A
B
50%
tPZH
tPHZ
VI
VL
50 Ω
50%
VO
50%
0V
VO
≈ 0V
VOH
90%
0V5
VI
Figure 10. Driver enable and disable times with active low output and pull-up load
DE
VL
A
B
RL = 110 Ω ± 1%
CL = 50 pF ± 20%
50%
tPZL
tPLZ
VI
VO
≈ VL
50 Ω
VI
50%
VO
50%
10%
VOL
0 V
VL
≈ 3 V
STR485E
Test circuits and typical characteristics
DS13051 - Rev 3
page 12/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com