Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR485E Datasheet(PDF) 9 Page - STMicroelectronics

Part # STR485E
Description  3.3 V RS485 compatible with 1.8 V I/Os and selectable speed 20 Mbps or 250kbps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR485E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STR485E Datasheet HTML 5Page - STMicroelectronics STR485E Datasheet HTML 6Page - STMicroelectronics STR485E Datasheet HTML 7Page - STMicroelectronics STR485E Datasheet HTML 8Page - STMicroelectronics STR485E Datasheet HTML 9Page - STMicroelectronics STR485E Datasheet HTML 10Page - STMicroelectronics STR485E Datasheet HTML 11Page - STMicroelectronics STR485E Datasheet HTML 12Page - STMicroelectronics STR485E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Table 9. Driver: over recommended operating conditions (unless otherwise specified. Please, see
"Operating conditions" table)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DC driver/ DC
II
Driver input, driver enable,
and receiver enable input
current
-2
2
µA
|VOD|
Driver differential output
voltage magnitude
RL = 60 Ω, 375 Ω on
each output to –7 V to
12
1.5
2
V
RL = 54 Ω (RS-485)
1.5
2
RL = 100 Ω (RS-422)
TJ ≥ 0 °C, VCC ≥ 3.2
2
Δ|VOD|
Change in magnitude of
driver differential output
voltage
RL = 54 Ω, CL = 50 pF
-50
0
50
mV
V°C(SS)
Steady-state common-
mode output voltage
Center of two 27-Ω
load resistors
1
VCC/2
3
V
ΔV°C
Change in differential
driver output common-
mode voltage
-50
0
50
mV
V°C(PP)
Peak-to-peak driver
common-mode output
voltage
500
Driver/switching characteristics, SLR='1', 250 kbps, bit time ≥ 4 µs
tr, tf
Driver differential output
rise/fall time
RL=54 Ω, CL=50 pF
0.05
0.2
1
µs
tPHL, tPLH
Driver propagation delay
time
0.4
1
1.5
tSK(P)
Driver pulse skew, |tPHL –
tPLH|
0.3
tPLZ, tPHZ
Driver disable time
0.017
0.035
tPLZ, tPZH
Driver enable time
Receiver enabled
CL=50 pF with 110 kΩ
0.7
1.2
Receiver disabled
CL=50 pF with 110 kΩ
1.64
2.4
µs
Driver/switching characteristics, SLR= '0', 20 Mbps, bit time ≥ 50 ns
tr, tf
Driver differential output
rise/fall time
RL=54 Ω, CL=50 pF
4
7
15
ns
tPHL, tPLH
Driver propagation delay
6
12
25
tSK(P)
Driver pulse skew, |tPHL –
tPLH|
4
tPLZ, tPHZ
Driver disable time
17
40
tPZL, tPZH
Driver enable time
Receiver enabled
9
18
Receiver disabled
1
2.4
µs
STR485E
Electrical characteristics
DS13051 - Rev 3
page 9/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com