Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR485E Datasheet(PDF) 2 Page - STMicroelectronics

Part # STR485E
Description  3.3 V RS485 compatible with 1.8 V I/Os and selectable speed 20 Mbps or 250kbps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR485E Datasheet(HTML) 2 Page - STMicroelectronics

  STR485E Datasheet HTML 1Page - STMicroelectronics STR485E Datasheet HTML 2Page - STMicroelectronics STR485E Datasheet HTML 3Page - STMicroelectronics STR485E Datasheet HTML 4Page - STMicroelectronics STR485E Datasheet HTML 5Page - STMicroelectronics STR485E Datasheet HTML 6Page - STMicroelectronics STR485E Datasheet HTML 7Page - STMicroelectronics STR485E Datasheet HTML 8Page - STMicroelectronics STR485E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
1
Pin connections
Figure 1. Pin connections
SLR
GND
VL
R
DE
RE
D
VCC
B
A
Table 1. Pin description
Name
Pin
I/O
Description
VL
1
Logic supply
1.65 V to 3.6 V supply for logic I/O signals
R
2
Digital output
Receiver data output
DE
3
Digital input
Driver enable input:
serial resistors of 150 ohms followed by 2.5 Mohms/ GND
nRE
4
Digital input
Receiver enable input:
serial resistors of 150 ohms followed by 2.5 Mohms / VCC
D
5
Digital input
Transmission data input
GND
6
Ground
SLR
7
Digital input
Slew rate select: low = 20 Mbps, high = 250 kbps.
Default to 20 Mbps if SLR is left floating
A
8
Bus I/O
Digital bus I/O, A
B
9
Bus I/O
Digital bus I/O, B
VCC
10
Bus supply
3 V to 3.6 V supply for A and B bus lines
STR485E
Pin connections
DS13051 - Rev 3
page 2/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com