Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR485E Datasheet(PDF) 10 Page - STMicroelectronics

Part # STR485E
Description  3.3 V RS485 compatible with 1.8 V I/Os and selectable speed 20 Mbps or 250kbps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR485E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STR485E Datasheet HTML 6Page - STMicroelectronics STR485E Datasheet HTML 7Page - STMicroelectronics STR485E Datasheet HTML 8Page - STMicroelectronics STR485E Datasheet HTML 9Page - STMicroelectronics STR485E Datasheet HTML 10Page - STMicroelectronics STR485E Datasheet HTML 11Page - STMicroelectronics STR485E Datasheet HTML 12Page - STMicroelectronics STR485E Datasheet HTML 13Page - STMicroelectronics STR485E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Table 10. Supply current and protections: over recommended operating conditions (unless otherwise
specified. Please, see "Operating conditions" table)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Supply current
ICC
Supply current
(quiescent)
Driver and receiver enabled
DE = VL, RE = GND, no
load, Tamb
625
µA
Driver and receiver enabled
DE = VL, RE = GND, no
load, T<125 °C
3000 (1)
Driver enabled, receiver
disabled
DE = VCC, =VL, No load,
Tamb
315
Driver enabled, receiver
disabled
DE = VCC, =VL, No load, T <
125 °C
2500 (1)
Driver disabled, receiver
enabled
DE = GND, =GND, No Load
515
700
Driver and receiver disabled
DE = GND, =VL, no load
[-40 °C, 125 °C]
0.5
8
TTSD
Thermal shutdown
threshold
165
°C
TTSD_HYS
Thermal shutdown
hysteresis
15
IOS
Driver short-circuit
output current
-7 V < VSHORT < + 12 V
-250
250
mA
1. Guaranteed by simulation.
STR485E
Electrical characteristics
DS13051 - Rev 3
page 10/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com