Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR485E Datasheet (PDF) - STMicroelectronics

STR485E Datasheet PDF - STMicroelectronics
Part # STR485E
Download  STR485E Download
File Size   1292.71 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3.3 V RS485 compatible with 1.8 V I/Os and selectable speed 20 Mbps or 250kbps

STR485E Datasheet (PDF)

Go To PDF Page Download Datasheet
STR485E Datasheet PDF - STMicroelectronics

Part # STR485E
Download  STR485E Click to download

File Size   1292.71 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3.3 V RS485 compatible with 1.8 V I/Os and selectable speed 20 Mbps or 250kbps

STR485E Datasheet (HTML) - STMicroelectronics


STR485E Product details

Features
• Half-duplex RS485 transceiver
• 1.65 V to 3.6 V supply for data and enable signals
• 3 V to 3.6 V supply for bus supply
• High speed: up to 20 Mbps data rate
• Low speed selected by SLR pin : 250 kbps
• Up to 128 transceivers on the bus @ 125 °C
• Fail safe receiver (bus open, idle and shorted)
• Thermal shutdown protection
• Low quiescent current in shutdown mode
• Extended temperature range : -40 °C to +125 °C
• Available in industry standard DFN10
• Bus-pin protection more than:
– ±4 kV HBM protection
– ±8 kV IEC61000-4-2 contact discharge
– ±16 kV IEC61000-4-2 air discharge
– Compliant IEC61000-4-4 fast transient burst Class B

Description
The STR485E is a low power differential line transceiver for data transmission
standard RS485 applications in half-duplex mode. Data and enable signals are
compatible with 1.8 V or 3.3 V supplies.
Two speeds are selectable through SLR pin: fast data rate up to 20 Mbps or slow
data rate for extended cable running to 250 kbps.
Excessive power dissipation caused by bus contention or faults is prevented by
thermal shutdown circuit that forces the driver outputs into a high impedance state.
The receiver has a fail-safe feature, which guarantees a high output state when the
inputs are left open, shorted or idle.




Similar Part No. - STR485E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR485 STMICROELECTRONICS-STR485 Datasheet
1Mb / 24P
3.3 V RS485 compatible with 1.8 V I/Os and selectable speed 20 Mbps or 250 kbps
20-Sep-2018
STR485LV STMICROELECTRONICS-STR485LV Datasheet
1Mb / 24P
3.3 V RS485 compatible with 1.8 V I/Os and selectable speed 20 Mbps or 250 kbps
20-Sep-2018
More results


Similar Description - STR485E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV47411 ONSEMI-NCV47411 Datasheet
128Kb / 14P
3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and 3.3 V
December, 2013 ??Rev. 1
logo
Sanken electric
SLA6845MZ SANKEN-SLA6845MZ_15 Datasheet
702Kb / 12P
CMOS-compatible input (3.3 or 5 V)
logo
Texas Instruments
LMK1C1102 TI1-LMK1C1102 Datasheet
1Mb / 21P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1106 TI-LMK1C1106 Datasheet
2Mb / 25P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
LMK1C1102 TI-LMK1C1102_V01 Datasheet
1Mb / 26P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
logo
Analog Devices
ADLT2852S-CSL AD-ADLT2852S-CSL Datasheet
424Kb / 12P
3.3 V, 20 Mbps RS485/RS422 Transceiver
Rev. 0
logo
STMicroelectronics
STG1218 STMICROELECTRONICS-STG1218 Datasheet
1Mb / 29P
Dual supply, quad SPDT switch, 1.8 V and 3.3 V logic input compatible
02-Dec-2021
logo
Texas Instruments
LMK1C1102 TI-LMK1C1102 Datasheet
1Mb / 26P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
REVISED FEBRUARY 2022
logo
STMicroelectronics
STR485 STMICROELECTRONICS-STR485 Datasheet
1Mb / 24P
3.3 V RS485 compatible with 1.8 V I/Os and selectable speed 20 Mbps or 250 kbps
20-Sep-2018
logo
Texas Instruments
THVD1330 TI-THVD1330 Datasheet
1Mb / 26P
THVD1330 32-Mbps 3.3-V RS485 Transceiver with IEC ESD Protection
SEPTEMBER 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com