Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG1218 Datasheet (PDF) - STMicroelectronics

STG1218 Datasheet PDF - STMicroelectronics
Part # STG1218
Download  STG1218 Download
File Size   1659.73 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual supply, quad SPDT switch, 1.8 V and 3.3 V logic input compatible

STG1218 Datasheet (PDF)

Go To PDF Page Download Datasheet
STG1218 Datasheet PDF - STMicroelectronics

Part # STG1218
Download  STG1218 Click to download

File Size   1659.73 Kbytes
Page   29 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual supply, quad SPDT switch, 1.8 V and 3.3 V logic input compatible

STG1218 Datasheet (HTML) - STMicroelectronics


STG1218 Product details

Features
• Wide operating voltage range
– Total voltage: 2.7 V to 15.5 V
– Positive supply: 2.7 V to 5.5 V
– Negative supply: down to -12 V
• Break before make feature
• Quad channel with one control pin for all switches
• Inhibit pin to set the swicthes in high impedance
• Benefits
– GaN and LDMOS compatible
– Compatible with 1.8 V and 3.3 V standard logic levels

Description
The STG1218 is a quad channel analog switch (SPDT), which is able to
accommodate with positive and negative voltages. Each channel has an independent
selection pin, and a common inhibit pin. Thanks to its large operating voltage range
and low Ron, this switch can fit many applications such as RRU (both LDMOS and
GaN solutions). It is also a good operational amplifier companion chip used with
a standard 3.3 V single supply operation for gain selection. In addition, it has the
versatility to be compatible with 3.3 V and 1.8 V logic standard thresholds.

Applications
• 5G telecom infrastructure
• Remote radio unit LDMOS and GaN
• Gain selection for instrumentation




Similar Part No. - STG1218

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG15M120F3D7 STMICROELECTRONICS-STG15M120F3D7 Datasheet
263Kb / 10P
Trench gate field-stop 1200 V, 15 A low-loss M series IGBT die in D7 packing
16-Aug-2022
STG15M120F3D8 STMICROELECTRONICS-STG15M120F3D8 Datasheet
224Kb / 8P
1200 V, 15 A trench gate field‑stop M series low‑loss IGBT die in D8 packing
18-Jan-2022
logo
Surge Components
STG1K152MND2535 SURGE-STG1K152MND2535 Datasheet
341Kb / 3P
High ripple current, High reliability
More results


Similar Description - STG1218

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A21366 TI-TS5A21366 Datasheet
956Kb / 29P
0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366_1 Datasheet
956Kb / 29P
0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A22366 TI-TS5A22366 Datasheet
536Kb / 21P
0.7-廓 DUAL SPDT ANALOG SWITCH WITH NEGATIVE RAIL CAPABILITY AND 1.8-V COMPATIBLE INPUT LOGIC
TS5A22366 TI1-TS5A22366_14 Datasheet
403Kb / 23P
0.7-廓 DUAL SPDT ANALOG SWITCH WITH NEGATIVE RAIL CAPABILITY AND 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI1-TS5A21366_14 Datasheet
1Mb / 30P
0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI1-TS5A12301E_14 Datasheet
826Kb / 24P
IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366_15 Datasheet
1Mb / 29P
0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A22366 TI-TS5A22366_15 Datasheet
896Kb / 25P
0.7-廓 DUAL SPDT ANALOG SWITCH WITH NEGATIVE RAIL CAPABILITY AND 1.8-V COMPATIBLE INPUT LOGIC
logo
Analog Devices
ADG1634L AD-ADG1634L Datasheet
873Kb / 22P
4.7 廓 RON, Quad SPDT Switch with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1534 AD-ADG1534 Datasheet
567Kb / 15P
4.5 Ω RON, 1.8 V Logic-Compatible Quad SPDT Switch
Rev. 0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com