Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG1218 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STG1218
Description  Dual supply, quad SPDT switch, 1.8 V and 3.3 V logic input compatible
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG1218 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STG1218 Datasheet HTML 4Page - STMicroelectronics STG1218 Datasheet HTML 5Page - STMicroelectronics STG1218 Datasheet HTML 6Page - STMicroelectronics STG1218 Datasheet HTML 7Page - STMicroelectronics STG1218 Datasheet HTML 8Page - STMicroelectronics STG1218 Datasheet HTML 9Page - STMicroelectronics STG1218 Datasheet HTML 10Page - STMicroelectronics STG1218 Datasheet HTML 11Page - STMicroelectronics STG1218 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
VINH = 0 V, typical characteristics are given at Top = 25 °C and min./max. values cover full temperature range
(unless otherwise specified).
Table 6. AC electrical characteristics
Symbol
Parameters and conditions
Specific conditions
Min.
Typ.
Max.
Unit
tPLH, tPHL
Propagation delay
VSEL = 0 V for iS2,
VSEL = VDD for iS1
VS square 0 V to 1.5 V
when Vss = 0 V,
VS square 0 V to -2.5 V when
Vss < 0 V,
RL = 50 Ω, CL = 50 pF, 50% to
50%
V DD = 5 V, VSS = 0 V
0.8
ns
V DD = 3.3 V, VSS = -12 V
0.7
V DD = 3.3 V, VSS = -8 V
0.7
tONS1 (SEL)
Turn ON S1 time SEL pin
VS1 = VSS or VDD,
VS2 floating
VSEL step 0 V to VDD
RL = 300 Ω, CL = 20 pF, 50% to
90% of VS1
VDD = 5 V, VSS = 0 V
105
162
320
ns
VDD = 3.3 V, VSS = -12 V
160
255
490
VDD = 3.3 V, VSS = -8 V
160
255
490
tONS2 (SEL)
Turn ON S2 time SEL pin
VS2 = VSS or VDD,
VS1 floating
VSEL step VDD to 0 V
RL = 300 Ω, CL = 20 pF 50% to
90% of VS2
VDD = 5 V, VSS = 0 V
370
555
855
ns
VDD = 3.3 V, VSS = -12 V
390
556
815
VDD = 3.3 V, VSS = -8 V
390
555
810
tOFFS1 (SEL)
Turn OFF S1 time SEL pin
VS1= VSS or VDD,
VS2 floating
VSEL step VDD to 0 V
RL = 300 Ω, CL = 20 pF 50% to
90% of VS1
VDD = 5 V, VSS = 0 V
310
501
850
ns
VDD = 3.3 V, VSS = -12 V
285
455
700
VDD = 3.3 V, VSS = -8 V
285
455
700
tOFFS2 (SEL)
Turn OFF S2 time SEL pin
VS2= VSS or VDD,
VS1 floating
VSEL step 0 V to VDD,
RL = 300 Ω, CL = 20 pF 50% to
90% of VS2
VDD = 5 V, VSS = 0 V
70
100
195
ns
VDD = 3.3 V, VSS = -12 V
100
155
290
VDD = 3.3 V, VSS = -8 V
100
152
290
tONS1 (SEL)
Skew
Turn ON time SEL pin skew
max. (tONiS1) -min.(tONiS1)
VDD = 5 V, VSS = 0 V
2
ns
VDD = 3.3 V, VSS = -12 V
3
VDD = 3.3 V, VSS = -8 V
3
STG1218
Electrical characteristics
DS13729 - Rev 3
page 8/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com