Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG1218 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STG1218
Description  Dual supply, quad SPDT switch, 1.8 V and 3.3 V logic input compatible
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG1218 Datasheet(HTML) 2 Page - STMicroelectronics

  STG1218 Datasheet HTML 1Page - STMicroelectronics STG1218 Datasheet HTML 2Page - STMicroelectronics STG1218 Datasheet HTML 3Page - STMicroelectronics STG1218 Datasheet HTML 4Page - STMicroelectronics STG1218 Datasheet HTML 5Page - STMicroelectronics STG1218 Datasheet HTML 6Page - STMicroelectronics STG1218 Datasheet HTML 7Page - STMicroelectronics STG1218 Datasheet HTML 8Page - STMicroelectronics STG1218 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
1
Pin description, block diagram and truth table
1.1
Pin description
Figure 1. Pin connections (top view)
VSS
D1 1
1S2 2
VSS 3
GND 4
2S2 5
15 D4
14 4S2
13 VDD
12 3S2
11 D3
Table 1. Pin description
Pin
Pin name
Description
20, 2
1S1, 1S2
Independent inputs / outputs
7, 5
2S1, 2S2
10, 12
3S1, 3S2
16, 14
4S1, 4S2
1, 6, 11, 15
D1, D2, D3, D4
Common inputs / outputs
19, 8, 9, 17
SEL1, SEL2, SEL3,
SEL4
Control pins. Operate only when INH is low.
If SELi is high, Di is connected to iS1.
If SELi is low, Di is connected to iS2
18
INH
Inhibit pin. Set all switches OFF when set to high. Set the switches according to
SELi pins when set to low
4
GND
Ground (0 V)
13
VDD
Positive supply voltage
3
VSS
Negative supply voltage
Exposed pad
This pad is electrically connected to VSS
STG1218
Pin description, block diagram and truth table
DS13729 - Rev 3
page 2/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com