Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG1218 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STG1218
Description  Dual supply, quad SPDT switch, 1.8 V and 3.3 V logic input compatible
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG1218 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STG1218 Datasheet HTML 3Page - STMicroelectronics STG1218 Datasheet HTML 4Page - STMicroelectronics STG1218 Datasheet HTML 5Page - STMicroelectronics STG1218 Datasheet HTML 6Page - STMicroelectronics STG1218 Datasheet HTML 7Page - STMicroelectronics STG1218 Datasheet HTML 8Page - STMicroelectronics STG1218 Datasheet HTML 9Page - STMicroelectronics STG1218 Datasheet HTML 10Page - STMicroelectronics STG1218 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Symbol
Parameters and conditions
Specific conditions
Min.
Typ.
Max.
Unit
∆RON
ON-resistance mismatch
Max. delta between 8 Ron values of the device
(4 channels x 2 positions)
VS = VSS to VDD, I = 10 mA
VDD = 5 V, VSS = -10.5 V
0.3
0.5
Ω
VDD = 5 V, VSS = 0 V
0.3
0.5
VDD = 4.5 V, VSS = 0 V
0.3
0.5
VDD = 3 V, VSS = -12 V
0.3
0.5
VDD = 3 V, VSS = -10V
0.3
0.5
VDD = 3 V, VSS = -8 V
0.3
0.5
∆RON/∆T
ON-resistance temperature coefficient
(worst case between Tmin. to 25 °C and 25 °C
to Tmax. considered)
VS = VSS to VDD, I = 10 mA
VDD = 5 V, VSS = -10.5 V
16
mΩ/°C
VDD = 5 V, VSS = 0 V
28
VDD = 4.5 V, VSS = 0 V
30
VDD = 3 V, VSS = -12 V
16
VDD = 3 V, VSS = -10V
18
VDD = 3 V, VSS = -8 V
19
ISOFF
Sn OFF leakage current
VD = VSS to VDD, VS = VSS to VDD
VSEL = 0 V for iS1, VSEL = VDD for iS2
VDD = 5 V, VSS = 0 V
0.001
1.5
µA
VDD = 3.3 V, VSS = -12 V
0.001
1.5
VDD = 3.3 V, VSS = -8 V
0.001
1.5
IDOFF
DOFF leakage current
VD = VSS to VDD, VS = VSS to VDD
VSEL = 0 V for iS1, VSEL = VDD for iS2
VDD = 5 V, VSS = 0 V
0.001
2.5
µA
VDD = 3.3 V, VSS = -12 V
0.001
2.5
VDD = 3.3 V, VSS = -8 V
0.001
2.5
IDON
DON leakage current
VD = VSS to VDD, VS = VSS to VDD,
VSEL = 0 V for iS2, VSEL = VDD for iS2
VDD = 5 V, VSS = 0 V
0.001
1.5
µA
VDD = 3.3 V, VSS = -12 V
0.001
1.5
VDD = 3.3 V, VSS = -8 V
0.001
1.5
STG1218
Electrical characteristics
DS13729 - Rev 3
page 7/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com