Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG1218 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STG1218
Description  Dual supply, quad SPDT switch, 1.8 V and 3.3 V logic input compatible
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG1218 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STG1218 Datasheet HTML 2Page - STMicroelectronics STG1218 Datasheet HTML 3Page - STMicroelectronics STG1218 Datasheet HTML 4Page - STMicroelectronics STG1218 Datasheet HTML 5Page - STMicroelectronics STG1218 Datasheet HTML 6Page - STMicroelectronics STG1218 Datasheet HTML 7Page - STMicroelectronics STG1218 Datasheet HTML 8Page - STMicroelectronics STG1218 Datasheet HTML 9Page - STMicroelectronics STG1218 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
3
Electrical characteristics
VSEL = 0 V or VDD, VINH = 0 V, typical characteristics are given at Top = 25 °C and min./max. values cover full
temperature range (unless otherwise specified).
Table 5. DC electrical characteristics
Symbol
Parameters and conditions
Specific conditions
Min.
Typ.
Max.
Unit
Digital inputs
VIH
High level input voltage
SELi and INH pins
2.7 V < VDD < 5 V
1.2
VDD
V
5 V < VDD < 5.5 V
1.23
VDD
VIL
Low level input voltage
SELi and INH pins
2.7 V < VDD < 5 V
0
0.45
V
5 V < VDD < 5.5 V
0
0.4
IIH, IIL
Control input leakage
current
SELi and INH pins, 0
V or VDD
Top = 25 °C
VDD = 5 V, VSS = 0 V
±5
nA
VDD = 3.3 V, VSS = -12 V
±5
VDD = 3.3 V, VSS = -8 V
±5
Tmin. < Top < Tmax.
VDD = 5 V, VSS = 0 V
100
VDD = 3.3 V, VSS = -12 V
100
VDD = 3.3 V, VSS = -8 V
100
Power supply
IVDD
Positive quiescent supply current
All channels
VS = VSS or VDD
VDD = 5 V, VSS = 0 V
5
30
µA
VDD = 3.3 V, VSS = -12 V
5
30
VDD = 3.3 V, VSS = -8 V
5
30
IVSS
Negative quiescent supply current
All channels
VS = VSS or VDD
VDD = 5 V, VSS = 0 V
0.01
20
µA
VDD = 3.3 V, VSS = -12 V
0.01
20
VDD = 3.3 V, VSS = -8 V
0.01
20
Switch
RONpeak
Max. switch ON-resistance
VS = VSS to VDD, I = 10 mA
VDD = 5 V, VSS = -10.5 V
3.6
7.5
Ω
VDD = 5 V, VSS = 0 V
6.4
14
VDD = 4.5 V, VSS = 0 V
7
14
VDD = 3 V, VSS = -12 V
3.7
8
VDD = 3 V, VSS = -10 V
3.9
8
VDD = 3 V, VSS = -8 V
4.2
8
RFLATON
ON-resistance flatness
VS = VSS to VDD, I = 10 mA
VDD = 5 V, VSS = -10.5 V
1
4.2
Ω
VDD = 5 V, VSS = 0 V
1.2
5
VDD = 4.5 V, VSS = 0 V
1.2
5.4
VDD =3 V, VSS = -12 V
1
4.3
VDD = 3 V, VSS = -10 V
1
4.7
VDD = 3 V, VSS = -8 V
1
4.8
STG1218
Electrical characteristics
DS13729 - Rev 3
page 6/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com