Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG1218 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STG1218
Description  Dual supply, quad SPDT switch, 1.8 V and 3.3 V logic input compatible
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG1218 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STG1218 Datasheet HTML 13Page - STMicroelectronics STG1218 Datasheet HTML 14Page - STMicroelectronics STG1218 Datasheet HTML 15Page - STMicroelectronics STG1218 Datasheet HTML 16Page - STMicroelectronics STG1218 Datasheet HTML 17Page - STMicroelectronics STG1218 Datasheet HTML 18Page - STMicroelectronics STG1218 Datasheet HTML 19Page - STMicroelectronics STG1218 Datasheet HTML 20Page - STMicroelectronics STG1218 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
5
Test circuits
Figure 26. Input threshold voltage test circuit
VS1
VS2
VOUT
VIN
GND
SELi
iS1
iS2
Di
INH
RL
CL
VDD
VSS
Figure 27. Input threshold
Figure 28. Control input leakage current test circuit
GND
/VDD
GND
SELi
iS1
iS2
VDD
VSS
Di
INH
A
Figure 29. ON-resistance, flatness and mismatch
test circuit
GND
SELi
iS1
iS2
VDD
VSS
Di
INH
V
IDS
VS
Figure 30. OFF and ON leakage currents test circuit
VD
VS
GND
SELi
iS1
iS2
VDD
VSS
Di
INH
A
ISOFF
A
ISON/IDON
Figure 31. OFF leakage current test circuit
GND
SELi
iS1
iS2
VDD
VSS
Di
INH
VD
A
IDOFF
VDD
VS2
A
ISOFF
VS1
A
ISOFF
STG1218
Test circuits
DS13729 - Rev 3
page 17/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com