Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG1218 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STG1218
Description  Dual supply, quad SPDT switch, 1.8 V and 3.3 V logic input compatible
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG1218 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STG1218 Datasheet HTML 5Page - STMicroelectronics STG1218 Datasheet HTML 6Page - STMicroelectronics STG1218 Datasheet HTML 7Page - STMicroelectronics STG1218 Datasheet HTML 8Page - STMicroelectronics STG1218 Datasheet HTML 9Page - STMicroelectronics STG1218 Datasheet HTML 10Page - STMicroelectronics STG1218 Datasheet HTML 11Page - STMicroelectronics STG1218 Datasheet HTML 12Page - STMicroelectronics STG1218 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Symbol
Parameters and conditions
Specific conditions
Min.
Typ.
Max.
Unit
tONS2 (SEL)
Skew
Turn ON time SEL pin skew
max.(tONiS2) -min.(tONiS2)
VDD = 5 V, VSS = 0 V
87
ns
VDD = 3.3 V, VSS = -12 V
59
VDD = 3.3 V, VSS = -8 V
59
tOFFS1 (SEL)
Skew
Turn OFF time SEL pin skew
max.(tOFFiS1) -min.(tOFFiS1)
VDD = 5 V, VSS = 0 V
89
ns
VDD = 3.3 V, VSS = -12 V
63
VDD = 3.3 V, VSS = -8 V
63
tOFFS2 (SEL)
Skew
Turn OFF time SEL pin skew
max.(tOFFiS2)-min.(tOFFiS2)
VDD = 5 V, VSS = 0 V
1
VDD = 3.3 V, VSS = -12 V
1
VDD = 3.3 V, VSS = -8 V
1
tONS1 (INH)
Turn ON time INH pin
VS = VSS or VDD
VSEL = VDD
VINH step VDD to 0 V,
RL = 300 Ω, CL = 20 pF,
50% to 90% of VS
VDD = 5 V, VSS = 0 V
270
710
915
ns
VDD = 3.3 V, VSS = -12 V
180
665
750
VDD = 3.3 V, VSS = -8 V
270
660
930
tONS2 (INH)
Turn ON time INH pin
VS = VSS or VDD
VSEL = 0 V
VINH step VDD to 0 V,
RL = 300 Ω, CL = 20 pF,
50% to 90% of VS
VDD = 5 V, VSS = 0 V
270
563
915
VDD = 3.3 V, VSS = -12 V
180
415
620
VDD = 3.3 V, VSS = -8 V
245
415
915
tOFF (INH)
Turn OFF time INH pin
VS = VSS or VDD
VSEL = 0 V for iS2,
VSEL = VDD for IS1,
VINH step VDD to 0 V,
RL = 300 Ω, CL = 20 pF,
50% to 90% of VS
VDD = 5 V, VSS = 0 V
25
37
65
ns
VDD = 3.3 V, VSS = -12 V
25
34
65
VDD = 3.3 V, VSS = -8 V
25
33
65
tD
Break before make time delay,
VSEL step 0 V to VDD
20 pF//300 Ω,
90% to 90%
VDD = 5 V, VSS = 0 V,
VS = 1.5 V
35
62
115
ns
VDD = 3.3 V, VSS = -12 V,
VS = 2.5 V
60
108
200
VDD = 3.3 V, VSS = -8 V,
VS = 2.5 V
60
109
200
Q
Charge injection
CL =1 nF, RL = 1 MΩ,
f = 500 kHz, iS1 = 0 V, iS2
floating
VSEL step 0 V to VDD square
waveform, or
iS1 floating, iS2 = 0 V
VDD = 5 V, VSS = 0 V
48
pC
VDD = 3.3 V, VSS = -12 V
220
VDD = 3.3 V, VSS = -8 V
140
STG1218
Electrical characteristics
DS13729 - Rev 3
page 9/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com