Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG1218 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STG1218
Description  Dual supply, quad SPDT switch, 1.8 V and 3.3 V logic input compatible
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG1218 Datasheet(HTML) 3 Page - STMicroelectronics

  STG1218 Datasheet HTML 1Page - STMicroelectronics STG1218 Datasheet HTML 2Page - STMicroelectronics STG1218 Datasheet HTML 3Page - STMicroelectronics STG1218 Datasheet HTML 4Page - STMicroelectronics STG1218 Datasheet HTML 5Page - STMicroelectronics STG1218 Datasheet HTML 6Page - STMicroelectronics STG1218 Datasheet HTML 7Page - STMicroelectronics STG1218 Datasheet HTML 8Page - STMicroelectronics STG1218 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
1.2
Block diagram
Figure 2. Block diagram
iS1
Di
SELi
INH
iS2
1.3
Truth table
Table 2. Truth table
INH
SELi
iS1
iS2
L
H
ON(1)
OFF(2)
L
L
OFF(2)
ON(1)
H
X (3)
OFF(2)
OFF(2)
1. Connected to Di
2. High impedance
3. Do not care
STG1218
Block diagram
DS13729 - Rev 3
page 3/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com