Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG1218 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STG1218
Description  Dual supply, quad SPDT switch, 1.8 V and 3.3 V logic input compatible
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG1218 Datasheet(HTML) 4 Page - STMicroelectronics

  STG1218 Datasheet HTML 1Page - STMicroelectronics STG1218 Datasheet HTML 2Page - STMicroelectronics STG1218 Datasheet HTML 3Page - STMicroelectronics STG1218 Datasheet HTML 4Page - STMicroelectronics STG1218 Datasheet HTML 5Page - STMicroelectronics STG1218 Datasheet HTML 6Page - STMicroelectronics STG1218 Datasheet HTML 7Page - STMicroelectronics STG1218 Datasheet HTML 8Page - STMicroelectronics STG1218 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
2
Absolute maximum ratings
Table 3. Absolute maximum ratings
Symbol
Parameters(1)
Value
Unit
VDD
Positive supply voltage
-0.3 to 6.0
V
VSS
Negative supply voltage
-13 to 0.3
V
VDD - VSS
Total supply voltage
-0.3 to 16
V
VINH
DC inhibit pin(2)
-0.3 to VDD +0.3
V
VSEL
DC control input voltage(2)
-0.3 to VDD +0.3
V
VS
DC input voltage (pins iS1, iS2)(2)
VSS -0.3 to VDD +0.3
V
VD
DC output voltage (pin Di)(2)
VSS -0.3 to VDD +0.3
V
IINH
DC input diode current on INH pin(2)
±10
mA
ISEL
DC input diode current on SELi pins(2)
±10
mA
IIK
DC input diode current (pins iS1, iS2)(2)
±10
mA
IOK
DC output diode current (pin Di)(2)
±10
mA
IO
DC output current (pins iS1, iS2, Di), Top = 25 °C
±150
mA
IOP
Peak output current (pins iS1, iS2, Di)
1 ms pulse, 10% duty cycle, Top = 25 °C
±450
mA
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rth-ja
Thermal resistance junction-to-ambient(3)
45
°C / W
Pd
Continuous power dissipation(4)
Top = 70 °C
1.78
W
ESD
HBM: human body model(5)
4
kV
CDM: charged device model(6)
1.5
kV
1. All voltage values are with respect to ground, unless otherwise specified.
2. Voltage and current limited whichever occurs first.
3. Rth-ja is a typical value, obtained with PCB according to the standard JEDEC 2s2p without vias.
4. The maximum continuous power dissipation is: (150 °C - Top)/Rth-ja. In each switch, the power dissipation is RON*I2, where
I is the current through the switch. The overall power dissipation is the sum of the power dissipation in each switch. For
example, if Top is 110 °C, considering the max. RON at the power supply voltage used is 14 Ω, and that you want to
source the maximum of current in 3 switches at the same time while the fourth is unused, then this maximum current is :
Tjmax−Top
3*Ron*Rtℎja= 150−110
3*14*45 =145mA
In any case, the DC output current condition should be satisfied.
5. Human body model: HBM test according to the standard ESDA/JEDEC JS-001-2017.
6. Charged device model: CDM test according to the standard AEC-Q100-011.
STG1218
Absolute maximum ratings
DS13729 - Rev 3
page 4/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com