Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG1218 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STG1218
Description  Dual supply, quad SPDT switch, 1.8 V and 3.3 V logic input compatible
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG1218 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STG1218 Datasheet HTML 17Page - STMicroelectronics STG1218 Datasheet HTML 18Page - STMicroelectronics STG1218 Datasheet HTML 19Page - STMicroelectronics STG1218 Datasheet HTML 20Page - STMicroelectronics STG1218 Datasheet HTML 21Page - STMicroelectronics STG1218 Datasheet HTML 22Page - STMicroelectronics STG1218 Datasheet HTML 23Page - STMicroelectronics STG1218 Datasheet HTML 24Page - STMicroelectronics STG1218 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
6
Application information
The device should be properly decoupled with 100 nF capacitors connected electrically and physically close to
each power supply pin (VDD and VSS); the other terminal of the capacitor being connected to the ground plane. In
order to obtain the best performance of the device, a proper layout should be done in order to minimize the impact
of parasitic inductance to avoid significant LdI/dt overshoot voltages. Trace length should be minimized. If the
application is switching DC signals, adding decoupling capacitors on the S or D pins connected to these sources
is also a good practice. Unused analog pins (Di, iS1, iS2) can either be left floating or connected to ground (or
any other fixed voltage compatible with the operating table). Digital pins (SELi and INH) must be connected to
either 0 V or VDD. It is recommended to solder the exposed pad to a copper plane on PCB at VSS potential to
obtain a better thermal impedance (but it can also be left open). When used for gain selection of an inverting gain
amplification stage, it is recommended to place the switch directly on the inverting pin of the op amp (and not
on the other side of Rg resistor). Indeed, as the input common mode voltage is fixed, the voltage on the analog
switch is constant on all the channels, regardless of the analog signal being amplified. Therefore, even if the gain
is reduced because of the Ron (-Rf/(Ron+Rg)), it is not modulated by its flatness which is not null.
STG1218
Application information
DS13729 - Rev 3
page 21/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com