Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG1218 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STG1218
Description  Dual supply, quad SPDT switch, 1.8 V and 3.3 V logic input compatible
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG1218 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STG1218 Datasheet HTML 6Page - STMicroelectronics STG1218 Datasheet HTML 7Page - STMicroelectronics STG1218 Datasheet HTML 8Page - STMicroelectronics STG1218 Datasheet HTML 9Page - STMicroelectronics STG1218 Datasheet HTML 10Page - STMicroelectronics STG1218 Datasheet HTML 11Page - STMicroelectronics STG1218 Datasheet HTML 12Page - STMicroelectronics STG1218 Datasheet HTML 13Page - STMicroelectronics STG1218 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Symbol
Parameters and conditions
Specific conditions
Min.
Typ.
Max.
Unit
Q
VSEL step VDD to 0 V square
waveform
pC
CSOFF
OFF channel capacitance
VSEL = 0 V for iS1 capacitance
VSEL = VDD for iS2 capacitance
VDD = 5 V, VSS = 0 V
25
pF
VDD = 3.3 V, VSS = -12 V
16
VDD = 3.3 V, VSS = -8 V
18
CSON, CDON
ON channel capacitance
VSEL = 0 V for iS2 capacitance
VSEL = VDD for iS1 capacitance
VSEL = 0 V or VDD for D
capacitance
VDD = 5 V, VSS = 0 V
66
pF
VDD = 3.3 V, VSS = -12 V
62
VDD = 3.3 V, VSS = -8 V
57
OIRR
OFF isolation
20log(VD/VS)
VSEL = 0 V and 50 Ω on iS1 for
iS1 test,
VSEL = VDD and 50 Ω on iS2 for
iS2 test,
RL = 50 Ω, CL = 5 pF,
VS = 1 Vrms, f = 1 MHz
For those cases with Vss = 0 V
a DC bias is added to AC signal
and set to VDD/2
VDD = 5 V, VSS = 0 V
-66
dB
VDD = 3.3 V, VSS = -12 V
-66
VDD = 3.3 V, VSS = -8 V
-66
Xtalk
Crosstalk
20log(VSi/VSj)
VSEL = 0 V and 50 Ω on iS1 for
iS2 test,
VSEL = VDD and 50 Ω on iS2 for
iS1 test,
RL = 50 Ω, CL = 5 pF,
VS = 1 Vrms, f = 1 MHz
For those cases with Vss = 0 V
a DC bias is added to AC signal
and set to VDD/2
VDD = 5 V, VSS = 0 V
-66
dB
VDD = 3.3 V, VSS = -12 V
-66
VDD = 3.3 V, VSS = -8 V
-66
BW
-3 dB bandwidth
VSEL = 0 V for iS2 test,
VSEL = VDD for iS1 test,
RL = 50 Ω, CL = 5 pF,
VS = 0 dBm
For those cases with Vss = 0 V
a DC bias is added to AC signal
and set to VDD/2
VDD = 5 V, VSS = 0 V
150
200
MHz
VDD = 3.3 V, VSS = -12 V
150
200
VDD = 3.3 V, VSS = -8 V
150
200
STG1218
Electrical characteristics
DS13729 - Rev 3
page 10/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com