Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG1218 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STG1218
Description  Dual supply, quad SPDT switch, 1.8 V and 3.3 V logic input compatible
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG1218 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STG1218 Datasheet HTML 15Page - STMicroelectronics STG1218 Datasheet HTML 16Page - STMicroelectronics STG1218 Datasheet HTML 17Page - STMicroelectronics STG1218 Datasheet HTML 18Page - STMicroelectronics STG1218 Datasheet HTML 19Page - STMicroelectronics STG1218 Datasheet HTML 20Page - STMicroelectronics STG1218 Datasheet HTML 21Page - STMicroelectronics STG1218 Datasheet HTML 22Page - STMicroelectronics STG1218 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
Figure 38. Turn-on time, turn-off time on INH pin
timing
50%
50%
90%
10%
90%
90%
tON
tON
tOFF
tOFF
V
INH
VOUT
VOUT
GND
GND
GND
VSS
VDD
VDD
Figure 39. Break before make test circuit
VS
VOUT
VSEL
GND
SELi
iS1
iS2
VDD
VSS
Di
INH
RL
CL
50Ω termination on generator
for impedance matching
Figure 40. Break before make timing
Figure 41. OFF isolation test circuit
Figure 42. Crosstalk test circuit
Figure 43. Bandwidth test circuit
STG1218
Test circuits
DS13729 - Rev 3
page 19/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com