Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR485E Datasheet(PDF) 3 Page - STMicroelectronics

Part # STR485E
Description  3.3 V RS485 compatible with 1.8 V I/Os and selectable speed 20 Mbps or 250kbps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR485E Datasheet(HTML) 3 Page - STMicroelectronics

  STR485E Datasheet HTML 1Page - STMicroelectronics STR485E Datasheet HTML 2Page - STMicroelectronics STR485E Datasheet HTML 3Page - STMicroelectronics STR485E Datasheet HTML 4Page - STMicroelectronics STR485E Datasheet HTML 5Page - STMicroelectronics STR485E Datasheet HTML 6Page - STMicroelectronics STR485E Datasheet HTML 7Page - STMicroelectronics STR485E Datasheet HTML 8Page - STMicroelectronics STR485E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Figure 2. Typical application schematic
B
B
A
A
GND
GND
VCC
D
D
DE
DE
R
R
RE
RE
VL
SLR
RT
120 Ω
RT
120 Ω
3.3 V
1.8 V
VCC
3.3 V
VL
SLR
1.8 V
Figure 3. Example of implementation in a PCB
Adding an ESDA14V2BP6 or ETP01-2821 ST Microelectronics protection device can help the product to sustain
an EFT perturbation level up to 4 kV.
STR485E
Pin connections
DS13051 - Rev 3
page 3/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com