Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR485E Datasheet(PDF) 24 Page - STMicroelectronics

Part # STR485E
Description  3.3 V RS485 compatible with 1.8 V I/Os and selectable speed 20 Mbps or 250kbps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR485E Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STR485E Datasheet HTML 18Page - STMicroelectronics STR485E Datasheet HTML 19Page - STMicroelectronics STR485E Datasheet HTML 20Page - STMicroelectronics STR485E Datasheet HTML 21Page - STMicroelectronics STR485E Datasheet HTML 22Page - STMicroelectronics STR485E Datasheet HTML 23Page - STMicroelectronics STR485E Datasheet HTML 24Page - STMicroelectronics STR485E Datasheet HTML 25Page - STMicroelectronics STR485E Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
List of tables
Table 1.
Pin description...................................................................... 2
Table 2.
Driver truth table .................................................................... 5
Table 3.
Receiver truth table .................................................................. 5
Table 4.
Speed selection, SLR pin configuration..................................................... 5
Table 5.
Absolute maximum ratings ............................................................. 6
Table 6.
Operating conditions ................................................................. 6
Table 7.
Thermal information .................................................................. 7
Table 8.
Receiver: over recommended operating conditions (unless otherwise specified. Please, see "Operating conditions"
table) ............................................................................ 8
Table 9.
Driver: over recommended operating conditions (unless otherwise specified. Please, see "Operating conditions"
table) ............................................................................ 9
Table 10.
Supply current and protections: over recommended operating conditions (unless otherwise specified. Please, see
"Operating conditions" table) ........................................................... 10
Table 11.
DFN10 package mechanical data........................................................ 19
Table 12.
Document revision history ............................................................. 22
STR485E
List of tables
DS13051 - Rev 3
page 24/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com