Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548ACD Datasheet(PDF) 256 Page - Texas Instruments

Part # AM6548ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548ACD Datasheet(HTML) 256 Page - Texas Instruments

Back Button AM6548ACD Datasheet HTML 252Page - Texas Instruments AM6548ACD Datasheet HTML 253Page - Texas Instruments AM6548ACD Datasheet HTML 254Page - Texas Instruments AM6548ACD Datasheet HTML 255Page - Texas Instruments AM6548ACD Datasheet HTML 256Page - Texas Instruments AM6548ACD Datasheet HTML 257Page - Texas Instruments AM6548ACD Datasheet HTML 258Page - Texas Instruments AM6548ACD Datasheet HTML 259Page - Texas Instruments AM6548ACD Datasheet HTML 260Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 284 page
background image
control the state driven on the output pin. When configured as an input, user can obtain the state of the input by
reading the state of an internal register.
In addition, the GPIO peripheral can produce host CPU interrupts and DMA synchronization events in different
interrupt/event generation modes.
The device has three instances of GPIO modules. The GPIO pins are grouped into banks (16 pins per bank
and 9 banks per module), which means that each GPIO module provides up to 144 dedicated general-purpose
pins with input and output capabilities; thus, the general-purpose interface supports up to 432 (3 instances × (9
banks × 16 pins)) pins. Since WKUP_GPIO0_[56:143], GPIO0_[96:143], and GPIO1_[90:143] are reserved in
this device, general purpose interface supports up to 242 pins.
For more information, see General-Purpose Interface (GPIO) section in the device TRM.
8.4.5.13 GPMC
The General-Purpose Memory Controller is a unified memory controller dedicated for interfacing with external
memory devices like:
• Asynchronous SRAM-like memories and application-specific integrated circuit (ASIC) devices
• Asynchronous, synchronous, and page mode (available only in non-multiplexed mode) burst NOR flash
devices
• NAND flash
• Pseudo-SRAM devices
For more information, see General-Purpose Memory Controller (GPMC) section in the device TRM.
8.4.5.14 HyperBus
Note
HyperBus is not available on this device.
The HyperBus module is a part of the device Flash Subsystem (FSS).
The HyperBus module is a low pin count memory interface that provides high read/write performance. The
HyperBus module connects to HyperBus memory (HyperFlash or HyperRAM) and uses simple HyperBus
protocol for read and write transactions.
There is one HyperBus™ module inside the device. The HyperBus module includes one HyperBus Memory
Controller (HBMC).
For more information, see HyperBus Interface section in the device TRM.
8.4.5.15 I2C
The device contains six multimaster Inter-Integrated Circuit (I2C) controllers each of which provides an interface
between a local host (LH), such as an Arm and any I2C-bus-compatible device that connects via the I2C serial
bus. External components attached to the I2C bus can serially transmit and receive up to 8 bits of data to and
from the LH device through the 2-wire I2C interface.
Each multimaster I2C module can be configured to act like a slave or master I2C-compatible device.
The WKUP_I2C0 and MCU_I2C0 controllers have dedicated I2C compliant open drain buffers, and support fast
mode (up to 400 Kbps).The I2C0, I2C1, I2C2, and I2C3 controllers are multiplexed with standard LVCMOS I/O
and connected to emulate open drain.The I2C emulation is achieved by configuring the LVCMOS buffers to
output Hi-Z instead of driving high when transmitting logic 1.
For more information, see Inter-Integrated Circuit (I2C) Interface section in the device TRM.
8.4.5.16 MCAN
The Controller Area Network (CAN) is a serial communications protocol which efficiently supports distributed
real-time control. CAN has high immunity to electrical interference. In a CAN network, many short messages are
broadcast to the entire network, which provides for data consistency in every node of the system.
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
256
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com