Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548ACD Datasheet(PDF) 259 Page - Texas Instruments

Part # AM6548ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548ACD Datasheet(HTML) 259 Page - Texas Instruments

Back Button AM6548ACD Datasheet HTML 255Page - Texas Instruments AM6548ACD Datasheet HTML 256Page - Texas Instruments AM6548ACD Datasheet HTML 257Page - Texas Instruments AM6548ACD Datasheet HTML 258Page - Texas Instruments AM6548ACD Datasheet HTML 259Page - Texas Instruments AM6548ACD Datasheet HTML 260Page - Texas Instruments AM6548ACD Datasheet HTML 261Page - Texas Instruments AM6548ACD Datasheet HTML 262Page - Texas Instruments AM6548ACD Datasheet HTML 263Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 284 page
background image
through MCU_TIMER3 instances. System level muxes are used to control the capture source pin for each
MCU_TIMER[3-0] and the MCU_TIMER[3-0] source for each MCU_TIMER_IO[1-0] PWM output
In the MAIN domain the device provides 8 timer pins to be used as Timer Capture inputs or as Timer PWM
outputs. For maximum flexibility, these 8 pins may be used with any of TIMER0 through TIMER11 instances.
System level muxes are used to control the capture source pin for each TIMER[11-0] and the TIMER[11-0]
source for each TIMER_IO[7-0] PWM output.
For more information, see Timers section in the device TRM.
8.4.5.26 UART
The UART is a slave peripheral that utilizes the DMA for data transfer or interrupt polling via host CPU. There
are five UART modules in the device. All UART modules support IrDA and CIR modes when 48 MHz function
clock is used. Each UART can be used for configuration and data exchange with a number of external peripheral
devices or interprocessor communication between devices.
The CIR mode uses a variable pulse-width modulation (PWM) technique (based on multiples of a programmable
t period) to encompass the various formats of infrared encoding for remote-control applications. The CIR logic
transmits data packets based on a user-definable frame structure and packet content.
For more information, see Universal Synchronous/Asynchronous Receiver/Transmitter (UART) section in the
device TRM.
8.4.5.27 USB
Similar to earlier versions of USB bus, USB 3.0 is a general-purpose cable bus, supporting data exchange
between a host device and a wide range of simultaneously accessible peripherals.
The device supports two USB subsystems, both instantiated in the MAIN system domain:
• USB3SS0 is SuperSpeed (SS) USB 3.0 Dual-Role-Device (DRD) subsystem with integrated SS (USB3.0)
PHY and HS/FS/LS (USB2.0) PHY
• USB3SS1 is HighSpeed (HS) USB 2.0 Dual-Role-Device (DRD) subsystem with integrated HS/FS/LS
(USB2.0) PHY
For more information, see Universal Serial Bus (USB) Subsystem section in the device TRM.
8.5 Identification
8.5.1 Revision Identification
For more information about Revision Identification, see Section 10.1, Device Nomenclature.
8.5.2 Die Identification
The device part number identification data can be read in the CTRLMMR_WKUP_JTAG_DEVICE_ID register.
For more information about Die Identification, see Device Identification section in the device TRM.
8.5.3 JTAG Identification
The manufacturer identity, the boundary scan part number, and the silicon revision of the device can be read in
the CTRLMMR_WKUP_JTAGID register.
For more information about JTAG Identification, see Device Identification section in the device TRM.
8.5.4 ROM Code Identification
The ROM code uses several global memories in the MSRAM that are useful for debugging.
For more information about ROM Code Identification, see Global Memory Addresses Used by ROM Code
section in the device TRM.
www.ti.com
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
259
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com