Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548ACD Datasheet(PDF) 258 Page - Texas Instruments

Part # AM6548ACD
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548ACD Datasheet(HTML) 258 Page - Texas Instruments

Back Button AM6548ACD Datasheet HTML 254Page - Texas Instruments AM6548ACD Datasheet HTML 255Page - Texas Instruments AM6548ACD Datasheet HTML 256Page - Texas Instruments AM6548ACD Datasheet HTML 257Page - Texas Instruments AM6548ACD Datasheet HTML 258Page - Texas Instruments AM6548ACD Datasheet HTML 259Page - Texas Instruments AM6548ACD Datasheet HTML 260Page - Texas Instruments AM6548ACD Datasheet HTML 261Page - Texas Instruments AM6548ACD Datasheet HTML 262Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 284 page
background image
For more information, see Multimedia Card/Secure Digital (MMCSD) Interface section in the device TRM.
8.4.5.21 OSPI
The Octal Serial Peripheral Interface (OSPI™) module is a kind of Serial Peripheral Interface (SPI) module
which allows single, dual, quad or octal read and write access to external flash devices.
The OSPI module is used to transfer data, either in a memory mapped direct mode (for example a processor
wishing to execute code directly from external flash memory), or in an indirect mode where the module is
set-up to silently perform some requested operation, signaling its completion via interrupts or status registers.
For indirect operations, data is transferred between system memory and external flash memory via an internal
SRAM which is loaded for writes and unloaded for reads by a device master at low latency system speeds.
Interrupts or status registers are used to identify the specific times at which this SRAM should be accessed using
user programmable configuration registers.
For more information, see Octal Serial Peripheral Interface (OSPI) section in the device TRM.
8.4.5.22 PCIE
The Peripheral Component Interconnect Express (PCIe) subsystem is built around a multi-lane dual-mode PCIe
controller that provides low pin-count, high reliability, and high-speed data transfers at rates of up to 5.0 Gbps
per lane for serial links on backplanes and printed wiring boards.
The device includes two instantiations of PCIe subsystem named PCIE0 and PCIE1.
For more information, see Peripheral Component Interconnect Express (PCIe) Subsystem section in the device
TRM.
8.4.5.23 SerDes
The goal of the SerDes is to convert device (SoC) parallel data into serialized data that can be output over a
high-speed electrical interface. In the opposite direction, SerDes converts high-speed serial data into parallel
data that can be processed by the device. To this end, the SerDes contains a variety of functional blocks to
handle both the external analog interface as well as the internal digital logic.
For more information, see Serializer/Deserializer (SerDes) section in the device TRM.
8.4.5.24 RTI
This section describes the Real Time Interrupt (RTI) modules with Windowed Watchdog Timer (WWDT)
functionality for the device.
The Real Time Interrupt module provides timer functionality for operating systems and for benchmarking code.
The module incorporates several counters, which define the timebases needed for scheduling in the operating
system.
This module is specifically designed to fulfill the requirements for OSEK (“Offene Systeme und deren
Schnittstellen für die Elektronik im Kraftfahrzeug”; “Open Systems and the Corresponding Interfaces for
Automotive Electronics”) as well as OSEK/Time compliant operating systems.
The timers also provide the ability to benchmark certain areas of code by reading the counter contents at the
beginning and the end of the desired code range and calculating the difference between the values.
For more information, see Real Time Interrupt (RTI) Module section in the device TRM.
8.4.5.25 Timers
There are sixteen timer modules in the device.
All timers include specific functions to generate accurate tick interrupts to the operating system.
Each timer can be clocked from several different independent clocks. The selection of clock source is made from
registers in the MCU_CTRL_MMR0/CTRL_MMR0.
In the MCU domain the device provides 2 timer pins to be used as MCU Timer Capture inputs or as MCU Timer
PWM outputs. In order to provide maximum flexibility, these 2 pins may be used with any of MCU_TIMER0
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
258
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com