Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6421 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara™ Processors
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 32 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 28Page - Texas Instruments AM6421 Datasheet HTML 29Page - Texas Instruments AM6421 Datasheet HTML 30Page - Texas Instruments AM6421 Datasheet HTML 31Page - Texas Instruments AM6421 Datasheet HTML 32Page - Texas Instruments AM6421 Datasheet HTML 33Page - Texas Instruments AM6421 Datasheet HTML 34Page - Texas Instruments AM6421 Datasheet HTML 35Page - Texas Instruments AM6421 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 260 page
background image
Table 6-1. Pin Attributes (ALV Package) (continued)
BALL
NUMBER [1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
RX/TX/PULL [7]
BALL
STATE
AFTER
RESET
RX/TX/PULL [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
C20
MMC1_SDWP
PADCONFIG:
PADCONFIG167
0x000F429C
MMC1_SDWP
0
I
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
UART3_RTSn
1
O
TIMER_IO7
2
IO
0
UART5_TXD
3
O
GPIO1_78
7
IO
pad
K20
MMC0_DAT0
MMC0_DAT0
IO
On / Off / Up
On / SS / Up
1.8 V
VDDS_MMC0,
VDD_MMC0,
VDD_DLL_MMC0
eMMCPHY
PU/PD
J20
MMC0_DAT1
MMC0_DAT1
IO
On / Off / Up
On / SS / Up
1.8 V
VDDS_MMC0,
VDD_MMC0,
VDD_DLL_MMC0
eMMCPHY
PU/PD
J18
MMC0_DAT2
MMC0_DAT2
IO
On / Off / Up
On / SS / Up
1.8 V
VDDS_MMC0,
VDD_MMC0,
VDD_DLL_MMC0
eMMCPHY
PU/PD
J17
MMC0_DAT3
MMC0_DAT3
IO
On / Off / Up
On / SS / Up
1.8 V
VDDS_MMC0,
VDD_MMC0,
VDD_DLL_MMC0
eMMCPHY
PU/PD
H17
MMC0_DAT4
MMC0_DAT4
IO
On / Off / Up
On / SS / Up
1.8 V
VDDS_MMC0,
VDD_MMC0,
VDD_DLL_MMC0
eMMCPHY
PU/PD
H19
MMC0_DAT5
MMC0_DAT5
IO
On / Off / Up
On / SS / Up
1.8 V
VDDS_MMC0,
VDD_MMC0,
VDD_DLL_MMC0
eMMCPHY
PU/PD
H18
MMC0_DAT6
MMC0_DAT6
IO
On / Off / Up
On / SS / Up
1.8 V
VDDS_MMC0,
VDD_MMC0,
VDD_DLL_MMC0
eMMCPHY
PU/PD
G17
MMC0_DAT7
MMC0_DAT7
IO
On / Off / Up
On / SS / Up
1.8 V
VDDS_MMC0,
VDD_MMC0,
VDD_DLL_MMC0
eMMCPHY
PU/PD
K21
MMC1_DAT0
PADCONFIG:
PADCONFIG162
0x000F4288
MMC1_DAT0
0
IO
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV5
Yes
SDIO
PU/PD
CP_GEMAC_CPTS0_HW2TSPUSH
1
I
0
TIMER_IO3
2
IO
0
UART3_TXD
3
O
GPIO1_74
7
IO
pad
L21
MMC1_DAT1
PADCONFIG:
PADCONFIG161
0x000F4284
MMC1_DAT1
0
IO
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV5
Yes
SDIO
PU/PD
CP_GEMAC_CPTS0_HW1TSPUSH
1
I
0
TIMER_IO2
2
IO
0
UART3_RXD
3
I
1
GPIO1_73
7
IO
pad
AM6442, AM6441, AM6422, AM6421, AM6412, AM6411
SPRSP56E – JANUARY 2021 – REVISED SEPTEMBER 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com