Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6421 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara™ Processors
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 52 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 48Page - Texas Instruments AM6421 Datasheet HTML 49Page - Texas Instruments AM6421 Datasheet HTML 50Page - Texas Instruments AM6421 Datasheet HTML 51Page - Texas Instruments AM6421 Datasheet HTML 52Page - Texas Instruments AM6421 Datasheet HTML 53Page - Texas Instruments AM6421 Datasheet HTML 54Page - Texas Instruments AM6421 Datasheet HTML 55Page - Texas Instruments AM6421 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 260 page
background image
Table 6-1. Pin Attributes (ALV Package) (continued)
BALL
NUMBER [1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
RX/TX/PULL [7]
BALL
STATE
AFTER
RESET
RX/TX/PULL [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
Y13
PRG1_PRU1_GPO18
PADCONFIG:
PADCONFIG84
0x000F4150
PRG1_PRU1_GPO18
0
IO
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
PRG1_PRU1_GPI18
1
I
0
PRG1_IEP1_EDC_LATCH_IN0
2
I
0
PRG1_PWM1_TZ_IN
3
I
0
RGMII1_RD2
4
I
0
RMII1_TX_EN
5
O
GPIO0_20
7
IO
pad
UART5_CTSn
8
I
1
PRG1_ECAP0_SYNC_IN
9
I
0
V12
PRG1_PRU1_GPO19
PADCONFIG:
PADCONFIG85
0x000F4154
PRG1_PRU1_GPO19
0
IO
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
PRG1_PRU1_GPI19
1
I
0
PRG1_IEP1_EDC_SYNC_OUT0
2
O
PRG1_PWM1_TZ_OUT
3
O
RGMII1_RD3
4
I
0
RMII1_CRS_DV
5
I
0
SPI3_CS2
6
IO
1
GPIO0_84
7
IO
pad
UART5_RTSn
8
O
PRG1_ECAP0_IN_APWM_OUT
9
IO
0
F16
RESETSTATz
PADCONFIG:
PADCONFIG169
0x000F42A4
RESETSTATz
0
O
Off / Low / Off
Off / SS / Off
0
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
E18
RESET_REQz
PADCONFIG:
PADCONFIG168
0x000F42A0
RESET_REQz
0
I
On / Off / Up
On / Off / Up
0
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
H16
RSVD0
RSVD0
N/A
D21
RSVD1
RSVD1
N/A
G13
RSVD2
RSVD2
N/A
F17
RSVD3
RSVD3
N/A
W15
RSVD4
RSVD4
N/A
V16
RSVD5
RSVD5
N/A
K2
RSVD6
RSVD6
N/A
K1
RSVD7
RSVD7
N/A
F12
RSVD8
RSVD8
N/A
AM6442, AM6441, AM6422, AM6421, AM6412, AM6411
SPRSP56E – JANUARY 2021 – REVISED SEPTEMBER 2022
www.ti.com
52
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com