Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6421 Datasheet(PDF) 94 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara™ Processors
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 94 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 90Page - Texas Instruments AM6421 Datasheet HTML 91Page - Texas Instruments AM6421 Datasheet HTML 92Page - Texas Instruments AM6421 Datasheet HTML 93Page - Texas Instruments AM6421 Datasheet HTML 94Page - Texas Instruments AM6421 Datasheet HTML 95Page - Texas Instruments AM6421 Datasheet HTML 96Page - Texas Instruments AM6421 Datasheet HTML 97Page - Texas Instruments AM6421 Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 260 page
background image
6.4 Pin Connectivity Requirements
This section describes connectivity requirements for package balls that have specific connectivity requirements
and unused package balls.
Note
All power balls must be supplied with the voltages specified in the Recommended Operating
Conditions section, unless otherwise specified in Signal Descriptions.
Note
For additional clarification, "leave unconnected" or "no connect" (NC) means no signal traces can be
connected to these device ball numbers.
Table 6-80. Connectivity Requirements
BALL NUMBER
BALL NAME
CONNECTION REQUIREMENTS
A20
D11
MCU_SAFETY_ERRORn
TRSTn
Each of these balls must be connected to VSS through separate
external pull resistors to ensure these balls are held to a valid logic
low level if a PCB signal trace is connected and not actively driven
by an attached device. The internal pull-down can be used to hold a
valid logic low level if no PCB signal trace is connected to the ball.
D10
E10
B12
E18
B11
C11
C12
EMU0
EMU1
MCU_RESETz
RESET_REQz
TCK
TDI
TMS
Each of these balls must be connected to the corresponding power
supply(1) through separate external pull resistors to ensure these
balls are held to a valid logic high level if a PCB signal trace
is connected and not actively driven by an attached device. The
internal pull-up can be used to hold a valid logic high level if no PCB
signal trace is connected to the ball.
A18
B18
E9
A10
I2C0_SCL
I2C0_SDA
MCU_I2C0_SCL
MCU_I2C0_SDA
Each of these balls must be connected to the corresponding power
supply(1) through separate external pull resistors to ensure these
balls are held to a valid logic high level.
T20
U21
T18
U20
U18
U19
V20
V21
V19
T17
R16
W20
W21
V18
Y21
Y20
GPMC0_AD0
GPMC0_AD1
GPMC0_AD2
GPMC0_AD3
GPMC0_AD4
GPMC0_AD5
GPMC0_AD6
GPMC0_AD7
GPMC0_AD8
GPMC0_AD9
GPMC0_AD10
GPMC0_AD11
GPMC0_AD12
GPMC0_AD13
GPMC0_AD14
GPMC0_AD15
Each of these balls must be connected to the corresponding power
supply(1) or VSS through separate external pull resistors to ensure
these balls are held to a valid logic high or low level as appropriate to
select the desired device boot mode.
J13
G20
F20
E21,
D20
G21
F21
F19
E20
J15
J16
VDDA_ADC
ADC0_AIN0
ADC0_AIN1
ADC0_AIN2
ADC0_AIN3
ADC0_AIN4
ADC0_AIN5
ADC0_AIN6
ADC0_AIN7
ADC0_REFP
ADC0_REFN
If the entire ADC0 is not used, each of these balls must be
connected directly to VSS.
AM6442, AM6441, AM6422, AM6421, AM6412, AM6411
SPRSP56E – JANUARY 2021 – REVISED SEPTEMBER 2022
www.ti.com
94
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com